Electronic Components Datasheet Search
  English  ▼

X  

LMH6640 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6640 Datasheet HTML 1Page - National Semiconductor (TI) LMH6640 Datasheet HTML 2Page - National Semiconductor (TI) LMH6640 Datasheet HTML 3Page - National Semiconductor (TI) LMH6640 Datasheet HTML 4Page - National Semiconductor (TI) LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
16V Electrical Characteristics (Continued)
Unless otherwise specified, All limits guaranteed for T
J = 25˚C, V
+ = 16V, V− = 0V, V
O =VCM =V
+/2 and R
L =2k
Ω to V+/2.
Boldface limits apply at temperature extremes. (Note 9)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
A
VOL
Large Signal Voltage Gain
V
O =15VPP,RL =2k
Ω to V+/2
86
82
95
dB
V
O =14VPP,RL = 150
Ω to V+/2
74
70
78
V
O
Output Swing High
R
L =2k
Ω to V+/2
15.85
15.90
V
R
L = 150
Ω to V+/2
15.45
15.78
Output Swing Low
R
L =2k
Ω to V+/2
0.10
0.15
R
L = 150
Ω to V+/2
0.21
0.55
I
SC
Output Short Circuit Current
(Note 3)
Sourcing to V
+/2
60
30
95
mA
Sinking from V
+/2
50
15
75
I
OUT
Output Current
V
O = 0.5V from either Supply
±100
mA
PSRR
Power Supply Rejection Ratio
15V
≤ V+ ≤ 17V
72
80
dB
I
S
Supply Current
No Load
4
6.5
7.8
mA
R
IN
Common Mode Input
Resistance
A
V =+1,f=1 kHz, RS =1M
Ω
32
M
Ω
C
IN
Common Mode Input
Capacitance
A
V = +1, RS = 100 k
Ω
1.7
pF
R
OUT
Output Resistance Closed Loop R
F =10k
Ω,f=1 kHz, A
V = −1
0.1
Ω
R
F =10k
Ω,f=1 MHz, A
V = −1
0.3
DG
Differential Gain
NTSC, A
V =+2
R
L = 150
Ω to V+/2
0.12
%
DP
Differential Phase
NTSC, A
V =+2
R
L = 150
Ω to V+/2
0.12
deg
Note 1: Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine Model, 0Ω in series with 200 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150 ˚C Short circuit test is a momentary test. Output short circuit duration is infinite for VS < 6V at room temperature and
below. For VS > 6V, allowable short circuit duration is 1.5 ms.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)-TA )/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Slew rate is the average of the rising and falling slew rates
Note 9: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com