Electronic Components Datasheet Search
  English  ▼

X  

SM5950AM Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—10
FUNCTIONAL DESCRIPTION
Input Interface Settings (IMOD0, IMOD1, IISI)
Input data format
2s-complement, MSB-first, L/R alternating serial data
Note: L = Low input level, H = high input level
Input timing
The input timing for each input format is shown in figures 4 to 8.
Output System Clock (SCKO)
A clock with frequency 512 times the output sampling frequency (fso) must be input on SCKO. In master
mode, the LRCO and BCKO output clocks are derived from the input clock on SCKO. It also functions as the
internal computation circuit system clock.
Output Interface Settings (OMOD0, OMOD1, IISO, THROU, SLAVE)
Output data format
2s-complement, MSB-first, L/R alternating serial
Note: L = Low input level, H = high input level
Output mode select
Output timing
The timing for each output format is shown in figures 9 to 13. In slave mode, the input timing of LRCO and
BCKO for each output format is shown in figures 9 to 13. In through mode, the LRCI, BCKI, and DI inputs are
fed through to the outputs regardless of the output data format settings.
IMOD0
IMOD1
IISI
Format
L
L
L
16-bit MSB-first right-justified
H
L
L
20-bit MSB-first right-justified
L
H
L
24-bit MSB-first right-justified
H
H
L
MSB-first left-justified (leading 16 bits valid data)
H or L
H or L
H
IIS (leading 16 bits valid data)
OMOD0
OMOD1
IISO
Format
L
L
L
16-bit MSB-first right-justified
H
L
L
20-bit MSB-first right-justified
L
H
L
24-bit MSB-first right-justified
H
H
L
MSB-first left-justified (16-bit output)
H or L
H or L
H
IIS (16-bit output)
Pin setting
Function
THROU
SLAVE
Mode
Description
LRCO, BCKO
L
L
Master
LRCO and BCKO are derived form SCKO.
Function as outputs
H
Slave
LRCO and BCKO are supplied externally.
Function as inputs
H
H or L
Through
LRCO, BCKO, and DOUT are connected directly to
LRCI, BCKI, and DI inputs.
Note: DMUTE is valid.
Function as outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com