Electronic Components Datasheet Search
  English  ▼

X  

SM5950AM Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—12
Sample Rate Conversion
The input/output sample rate conversion ratio is variable over a range 0.45 to 2.205 times frequency. The input
sample rate (fsi) range is 20kHz to 100kHz, while the output sample rate (fso) range is 30kHz to 50kHz. Note
that the sample rate conversion ratio lower limit means that conversion from fsi = 96kHz to fso = 32kHz is not
possible.
Anti-aliasing filter selection
The following 6 filters are provided to function as anti-aliasing filters during sample rate conversion, where the
optimum anti-aliasing filter is automatically selected in response to the automatic measurement of the sample
conversion ratio between the input sampling frequency (on LRCI) and the output sampling frequency (calcu-
lated using SCKO as reference).
If the selected anti-aliasing filter fs conversion ratio and the actual sample rate conversion ratio do not match,
the following phenomena occur.
If the fs conversion ratio is not fixed, the conversion will slowly follow the change in ratio, but in the process
the possibility exists that noise may occur in the audio data output.
Filter mode
fs conversion ratio (fso/fsi)
Selects range
Conversion frequency
(example)
1
1.0 to 2.205 times
≥ 0.969697 times
Up conversion
2
0.91875 times
0.864865 to 0.969697 times
48.0
→ 44.1
3
0.72562 times
0.711111 to 0.864865 times
44.1
→ 32.0
4
0.66667 times
0.627451 to 0.711111 times
48.0
→ 32.0
5
0.50000 times
0.492308 to 0.627451 times
96.0
→ 48.0
6
0.459375 times
≤ 0.492308 times
96.0
→ 44.1
Conversion condition
Response generated
Actual sample rate conversion ratio is lower than the
selected filter conversion ratio.
High-frequency aliasing noise occurs in the audio band.
Actual sample rate conversion ratio is higher than the
selected filter conversion ratio.
Primarily cuts high-frequency components in the audio
band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com