Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3154 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSSC3154 Datasheet HTML 1Page - Integrated Device Technology ZSSC3154 Datasheet HTML 2Page - Integrated Device Technology ZSSC3154 Datasheet HTML 3Page - Integrated Device Technology ZSSC3154 Datasheet HTML 4Page - Integrated Device Technology ZSSC3154 Datasheet HTML 5Page - Integrated Device Technology ZSSC3154 Datasheet HTML 6Page - Integrated Device Technology ZSSC3154 Datasheet HTML 7Page - Integrated Device Technology ZSSC3154 Datasheet HTML 8Page - Integrated Device Technology ZSSC3154 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 22, 2016
1
Electrical Characteristics
1.1 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The ZSSC3154 might not function or be operable above
the recommended operating conditions. Stresses exceeding the absolute maximum ratings might also damage
the device. In addition, extended exposure to stresses above the recommended operating conditions might affect
device reliability. IDT does not recommend designing to the “Absolute Maximum Ratings.”
Parameters apply in operating temperature range and without time limitations.
Table 1.1
Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
1.1.1
Supply voltage
1)
VDDE
To VSSE
-0.3
7.7
V
1.1.2
Voltage at pins
AOUT1 and AOUT2
1)
VAOUT1,
VAOUT2
To VSSE
-0.3
7.7
V
1.1.3
Analog supply voltage
1)
VDDA
To VSSA
-0.3
6.5
V
1.1.4
Digital supply voltage
1)
VDD
To VSSA
-0.3
6.5
V
1.1.5
Voltage at all analog and
digital pins
1)
VAIO,
VDIO
To VSSA
-0.3
VDDA +0.3
V
1.1.6
Storage temperature
TSTG
-55
150
°C
1)
Refer to ZSSC3154 Application Note – Power Management for a description of the protection features.
1.2 Operating Conditions
Table 1.2
Operating Conditions
No.
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
1.2.1
Supply voltage
1)
VDDE
To VSSE
4.5
5
5.5
V
1.2.2
Power-On-Reset threshold
POR_off
VDDA to VSSA
3.3
4.1
V
1.2.3
Ambient temperature
TAMB
EEPROM programming
cycles specification
depends on temperature
(refer to section 1.4.3)
-40
125
°C
Extended ambient
temperature – part number
ZSSC3154BE3R only
TAMB_E
-40
150
°C
1.2.4
Bridge resistance
2) 3)
RBR
1
10
k
Ω
1)
Refer to ZSSC3154 Application Note – Power Management for detailed specifications.
2)
Symmetric behavior and identical electrical properties (especially the low pass characteristic) of both sensor inputs are required. Unsymmetrical
conditions of the sensor and/or external components connected to the sensor input pins can generate a failure in signal operation.
3)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com