Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3154 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3154 Datasheet HTML 6Page - Integrated Device Technology ZSSC3154 Datasheet HTML 7Page - Integrated Device Technology ZSSC3154 Datasheet HTML 8Page - Integrated Device Technology ZSSC3154 Datasheet HTML 9Page - Integrated Device Technology ZSSC3154 Datasheet HTML 10Page - Integrated Device Technology ZSSC3154 Datasheet HTML 11Page - Integrated Device Technology ZSSC3154 Datasheet HTML 12Page - Integrated Device Technology ZSSC3154 Datasheet HTML 13Page - Integrated Device Technology ZSSC3154 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 22, 2016
1.4 Interface Characteristics and EEPROM
Table 1.4
Interface Characteristics and EEPROM
No.
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
1.4.1
I2C
TM* Interface
(Refer to ZSSC3154 Functional Description for timing details.)
1.4.1.1
I
2C™ voltage level HIGH 1)
VI2C_HIGH
0.8
VDDA
1.4.1.2
I
2C™ voltage level LOW 1
VI2C_LOW
0.2
VDDA
1.4.1.3
Slave output level LOW
1)
VI2C_LOW_OUT
Open drain, IOL < 2mA
0.15
VDDA
1.4.1.4
SDA load capacitance
1)
CI2C_SDA
400
pF
1.4.1.5
SCL clock frequency
1)
fI2C
fOSC
≥ 2MHz
400
kHz
1.4.1.6
Internal pull-up resistor
1)
RI2C_PULLUP
25
100
k
Ω
1.4.2
ZACwire
TM One Wire Interface
(OWI at pin AOUT1)
1.4.2.1
OWI voltage level HIGH
1)
VOWI_IN_H
0.8
VDDA
1.4.2.2
OWI voltage level LOW
1)
VOWI_IN_L
0.2
VDDA
1.4.2.3
Slave output level LOW
1)
VOWI_OUT_L
Open drain, IOL < 4mA
0.15
VDDA
1.4.2.4
Start window
1)
tOWI_STARTWIN
fOSC = Nominal
30
ms
1.4.3
EEPROM
1.4.3.1
Ambient temperature for
EEPROM programming
TAMB_EEP
-40
125
°C
1.4.3.2
Write cycles
1)
nEEP_WRI_85°C
TAMB_EEP
≤ 85°C
1000
nEEP_WRI_125°C TAMB_EEP
≤ 125°C
100
1.4.3.3
Read cycles
1), 2), 3)
nEEP_READ
TAMB
≤ 150°C
8 x 10
8
1.4.3.4
Data retention
1)
tEEP_RETENTION
Temperature Profile:
4)
100000h at 55°C
30000h at 125°C
3000h at 150°C
15
a
1.4.3.5
Programming time
1)
tEEP_WRI
Per written word
12
ms
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
2)
Valid for the dice. Note: additional package and temperature range causes restrictions.
3)
Specification is valid for conditions when EEPROM reading only occurs during the start-up phase in Normal Operation Mode.
4)
Over lifetime and valid for the dice. Use the IDT Temperature Profile Calculation Sheet for temperature stress calculation.
Note that the package causes additional restrictions.
* I
2C™ is a trademark of NXP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com