Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3154 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3154 Datasheet HTML 4Page - Integrated Device Technology ZSSC3154 Datasheet HTML 5Page - Integrated Device Technology ZSSC3154 Datasheet HTML 6Page - Integrated Device Technology ZSSC3154 Datasheet HTML 7Page - Integrated Device Technology ZSSC3154 Datasheet HTML 8Page - Integrated Device Technology ZSSC3154 Datasheet HTML 9Page - Integrated Device Technology ZSSC3154 Datasheet HTML 10Page - Integrated Device Technology ZSSC3154 Datasheet HTML 11Page - Integrated Device Technology ZSSC3154 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 22, 2016
No.
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
1.3.5
A/D Conversion
(Refer to section 2.8.3)
1.3.5.1
ADC resolution
1)
rADC
14
Bit
1.3.5.2
DNL
1)
DNLADC
fOSC = 2.6MHz; best fit;
complete AFE; VADC_IN
according to 1.3.5.4
0.95
LSB
1.3.5.3
INL
INLADC
fOSC = 2.6MHz; best fit;
complete AFE; VADC_IN
according to 1.3.5.4
3
8
LSB
1.3.5.4
ADC input range
VADC_IN
VVBR according to 1.3.1.2
0.1
0.9
VVBR
1.3.6
D/A Conversion and Analog Outputs
(Pins AOUT1 and AOUT2)
1.3.6.1
DAC resolution
rDAC
Analog output;
VOUT = 10% to 90% of VDAC;
VDAC = VVDDE-VVSSE
12
Bit
1.3.6.2
Output current
sink and source
IOUT_SRC/SINK
Analog output;
VOUT = 10% to 90% of VDAC;
VDAC = VVDDE-VVSSE
1.3
mA
1.3.6.3
Short circuit current
IOUT_SHORT
AOUT1 or AOUT2 to
VDDE/VSSE
-25
25
mA
1.3.6.4
Output signal range
VOUT_RANGE
Ratiometric to
VDAC = VVDDE-VVSSE
0.046
0.954
VDAC
1.3.6.5
Output slew rate
1)
SROUT
CLOAD
≤ 60nF
0.1
V/µs
1.3.6.6
Output resistance in
diagnostic mode
ROUT_DIAG
Diagnostic fault band:
VDFBL < 4% of VDAC
if the DFBH pin is
unconnected;
VDFBH > 96% of VDAC
if the DFBH pin is
connected to VSSA;
VDFBL is the low diagnostic
level and VDFBH is the high
diagnostic level for
indicating faults
150
Ω
1.3.6.7
Load capacitance
1)
CLOAD
C3 + CLOAD_AOUT1 and
C4 + CLOAD_AOUT2
(refer to section 3)
60
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com