Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3154 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSSC3154 Datasheet HTML 2Page - Integrated Device Technology ZSSC3154 Datasheet HTML 3Page - Integrated Device Technology ZSSC3154 Datasheet HTML 4Page - Integrated Device Technology ZSSC3154 Datasheet HTML 5Page - Integrated Device Technology ZSSC3154 Datasheet HTML 6Page - Integrated Device Technology ZSSC3154 Datasheet HTML 7Page - Integrated Device Technology ZSSC3154 Datasheet HTML 8Page - Integrated Device Technology ZSSC3154 Datasheet HTML 9Page - Integrated Device Technology ZSSC3154 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 22, 2016
1.3 Electrical Parameters
All parameter values are valid under the operating conditions specified in section 1.2 (except as noted) and with
the oscillator frequency within the specified range (fOSC). All voltages are referenced to VSSA.
Note: See important notes at the end of Table 1.3.
Table 1.3
Electrical Parameters
No.
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
1.3.1
Supply Current and System Operation Conditions
1.3.1.1
Supply current
IS
Excluding bridge supply
current and excluding
output current at pins
AOUT1 and AOUT2;
oscillator adjusted
(typical fOSC = 2.6MHz)
10
mA
1.3.1.2
Supply voltage sensor
bridge (internally at VDDA
and VSSA)
VVBR
VVBR = VVBR_T - VVBR_B
RBR
≥ 1kΩ (see 1.2.4)
VVBR_T is the voltage at the
VBR_T pin and VVBR_B is
the voltage at VBR_B pin
VDDA
– 0.3V
VDDA
1.3.1.3
Oscillator Frequency
1)
fOSC
Guaranteed adjustment
range (see the ZSSC3154
Application Note–Oscillator
Frequency Adjustment)
2.6
2.9
3.2
MHz
1.3.2
Analog Front-End Characteristics
1.3.2.1
Input span
VIN_SPAN
Analog gain: 2.8 to 420;
EMC robust for
VIN_SPAN
≥ 6mV/V
1
267
mV/V
1.3.2.2
Analog offset
compensation range
OC
Depends on gain
adjustment
(refer to section 2.8.2)
3.88
VIN_SPAN
1.3.2.3
Parasitic differential input
offset current
1)
IIN_OFF_85°C
-25°C to 85°C ambient
-4
4
nA
IIN_OFF_125°C
-40°C to 125°C ambient
-10
+10
nA
IIN_OFF_150°C
-40°C to 150°C ambient
Part number
ZSSC3154BE3R only
-20
+20
nA
1.3.2.4
Common mode
input range
VIN_CM
Depends on gain
adjustment; XZC off
(refer to section 2.8.1);
VVBR according to 1.3.1.2
0.29
0.65
VVBR
1.3.2.5
Input capacitance
CIN
Capacitance at pins VBP
and VBN to VSSA
10
12
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com