Electronic Components Datasheet Search
  English  ▼

X  

CP5.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 4 Page - PULS GmbH

  CP5.241 Datasheet HTML 1Page - PULS GmbH CP5.241 Datasheet HTML 2Page - PULS GmbH CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
3. AC-INPUT
AC input
Nom.
AC 100-240V
Suitable for TN-, TT- and IT mains networks
AC input range
Min.
85-264Vac
Continuous operation
Min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
Max.
300Vac
Continuous, IEC 62103
Input frequency
Nom.
50–60Hz
±6%
Turn-on voltage
Typ.
76Vac
Steady-state value, see Fig. 3-1
Shut-down voltage
Typ.
72Vac
Steady-state value, see Fig. 3-1
External input protection
See recommendations in chapter 24.3.
AC 100V
AC 120V
AC 230V
Input current
Typ.
1.30A
1.09A
0.60A
At 24V, 5A, see Fig. 3-3
Power factor*)
Typ.
0.99
0.98
0.91
At 24V, 5A, see Fig. 3-4
Crest factor**)
Typ.
1.7
1.8
2.2
At 24V, 5A
Start-up delay
Typ.
360ms
350ms
350ms
See Fig. 3-2
Rise time
Typ.
40ms
40ms
40ms
At 24V, 5A const. current load, 0mF
load capacitance, see Fig. 3-2
Typ.
80ms
80ms
80ms
At 24V, 5A const. current load, 5mF
load capacitance,, see Fig. 3-2
Turn-on overshoot
Max.
200mV
200mV
200mV
See Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
4/26
300Vac
264V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output current at
24V output voltage
Fig. 3-4 Power factor vs. output current at
24V output voltage
6A
0.5 1
234
0
0.25
0.5
0.75
1.0
1.25
1.5A
Input Current, typ.
5
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
(a)
(b)
(c)
Power Factor, typ.
12
34
5
6A
0.75
0.8
0.85
0.9
0.95
1.0
Output Current
(a) 100Vac,
(b) 120Vac,
(c) 230Vac
(a)
(b)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com