Electronic Components Datasheet Search
  English  ▼

X  

CP5.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 5 Page - PULS GmbH

  CP5.241 Datasheet HTML 1Page - PULS GmbH CP5.241 Datasheet HTML 2Page - PULS GmbH CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
4. DC-INPUT
DC input
Nom.
DC 110-300V
-20%/+0%
DC input range
Min.
88-300Vdc
Continuous operation
DC input current
Typ.
1.21 / 0.43A
At 110 / 300Vdc, at 24V, 5A
Allowed Voltage L/N to Earth
Max.
360Vdc
Continuous, IEC 62477-1
Turn-on voltage
Typ.
74Vdc
Steady state value
Shut-down voltage
Typ.
68Vdc
Steady state value
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L
PE
+
-
Power Supply
AC
Battery
N
DC
a) Use a battery or a similar DC source. A supply from the
intermediate DC-bus of a frequency converter is not
recommended and can cause a malfunction or damage
the unit.
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to an earth wire or to the
machine ground.
5. INPUT INRUSH CURRENT
An active inrush limitation circuit (NTCs, which are bypassed by a relay contact) limits the input inrush current after
turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
Max.
8Apeak
7Apeak
7Apeak
At 40°C, cold start
Typ.
5Apeak
4Apeak
4Apeak
At 25°C, cold start
Typ.
5Apeak
5Apeak
6Apeak
At 40°C, cold start
Inrush energy
Max.
0.4A²s
0.5A²s
1A²s
At 40°C, cold start
Fig. 5-1 Typical turn-on behaviour at nominal
load, 120Vac input and 25°C ambient
Fig. 5-2 Typical turn-on behaviour at nominal
load, 120Vac input and 25°C ambient
50ms/DIV
5/26
Output voltage 20V/DIV
Input
voltage
200V/DIV
Input
current
2A/DIV
4A
50ms/DIV
Input
current
2A/DIV
4A
Input
voltage
200V/DIV
Output voltage 20V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com