Electronic Components Datasheet Search
  English  ▼

X  

CP5.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 1 Page - PULS GmbH

  CP5.241 Datasheet HTML 1Page - PULS GmbH CP5.241 Datasheet HTML 2Page - PULS GmbH CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
POWER SUPPLY
AC 100-240V Wide-range Input
DC 110-300V Wide-range Input
Width only 32mm
Efficiency up to 94.3%
Excellent Partial Load Efficiency
20% Output Power Reserves
Easy Fuse Breaking – 3 times nominal current for 12ms
Safe HiccupPLUS Overload Mode
Active Power Factor Correction (PFC)
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
DC-OK Relay Contact
3 Year Warranty
1/26
GENERAL DESCRIPTION
The Dimension CP-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The CP-Series is part of the DIMENSION
power supply family.
The CP5.241 power supplies come with three connection
terminal
options:
screw,
spring-clamp
or
push-in
terminals, which are optimized for automated wiring.
The CP5.241-C1 is equipped with conformal coated pc-
boards preferred for the use in harsh environments.
The most outstanding features of these units are the
small size, the high efficiency, the electronic inrush
current limitation, active PFC and the wide operational
temperature range. The devices have a power reserve of
20% included, which may even be used continuously at
temperatures up to +45°C. Additionally, they can deliver
3 times the nominal output current for 12ms which
helps to trip fuses on faulty output branches.
High immunity to transients and power surges as well as
low electromagnetic emission, a DC-OK signal contact
for remote monitoring, and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Nominal
Adjustment range
24 - 28V
Factory setting 24.1V
Output current
6.0 - 5.1A
Below +45°C ambient
5.0 – 4.3A
At +60°C ambient
3.8 – 3.2A
At +70°C ambient
Derate linearely between +45°C and +70°C
Input voltage AC
AC 100-240V
-15%/+10%
Mains frequency
50-60Hz
±6%
Input current AC
1.09 / 0.6A
At 120 / 230Vac
Power factor
0.98 / 0.91
At 120 / 230Vac
Input voltage DC
DC 110-300V
-20%/+0%
Input current DC
1.21 / 0.43A
At 110/300Vdc
AC Inrush current
4 / 4A
At 120 / 230Vac
Efficiency
93.6 / 94.3%
At 120 / 230Vac
Losses
8.2 / 7.3W
At 120 / 230Vac
Hold-up time
25ms
Temperature range
-25°C to +70°C
Size (WxHxD)
32x124x102mm
Without DIN-rail
Weight
440g / 0.97lb
ORDER NUMBERS
Power Supply CP5.241
CP5.241-C1 Conformal coated pc-boards
CP5.241-S1 Spring-clamp terminals
CP5.241-S2 Push-in terminals
Mechanical Accessory
ZM6.WALL
Wall/Panel mount bracket
MARKINGS
IND. CONT. EQ.
UL 508, planned
UL 60950-1, planned
Marine, planned
Class I Div 2, planned
IECEx
ATEX
planned


Similar Part No. - CP5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S1 PULS-CP5.241-S1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S2 PULS-CP5.241-S2 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5.241

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
CP M SNT 120W 24V 5A
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
24V, 5A, TWO-PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
24V, 5A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
logo
Weidmuller
2838440000 WEIDMULLER-2838440000 Datasheet
737Kb / 5P
PRO BAS 120W 24V 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com