Electronic Components Datasheet Search
  English  ▼

X  

CP5.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # CP5.241
Description  24V, 5A, 120W, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CP5.241 Datasheet HTML 2Page - PULS GmbH CP5.241 Datasheet HTML 3Page - PULS GmbH CP5.241 Datasheet HTML 4Page - PULS GmbH CP5.241 Datasheet HTML 5Page - PULS GmbH CP5.241 Datasheet HTML 6Page - PULS GmbH CP5.241 Datasheet HTML 7Page - PULS GmbH CP5.241 Datasheet HTML 8Page - PULS GmbH CP5.241 Datasheet HTML 9Page - PULS GmbH CP5.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/26
P R E L I M I N A R Y
6. OUTPUT
Output voltage
Nom.
24V
Adjustment range
Min.
24-28V
Guaranteed value
Max.
30.0V
This is the maximum output voltage which can occur
at the clockwise end position of the potentiometer
due to tolerances. It is not a guaranteed value which
can be achieved.
Factory settings
Typ.
24.1V
±0.2%, at full load and cold unit
Line regulation
Max.
10mV
Between 85 and 300Vac
Load regulation
Max.
50mV
Between 0A and 16A, static value, see Fig. 6-1
Ripple and noise voltage
Max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
Nom.
6A1)
At 24V and an ambient temperature below 45°C, see
Fig. 16-1
Nom.
5A
At 24V and 60°C ambient temperature, see Fig. 6-1
Nom.
3.8A
At 24V and 70°C ambient temperature, see Fig. 16-1
Nom.
5.1A1)
At 28V and an ambient temperature below 45°C, see
Fig. 16-1
Nom.
4.3A
At 28V and 60°C ambient temperature, see Fig. 6-1
Nom.
3.2A
At 28V and 70°C ambient temperature, see Fig. 16-1
Typ.
15A
For minimal 12ms once every five seconds, see Fig. 6-2.
The output voltage stays above 20V. See chapter 24.1
for more peak current measurements.
Overload behaviour
Continuous current
Output voltage > 13Vdc, see Fig. 6-1
HiccupPLUS mode 2)
Output voltage < 13Vdc, see Fig. 6-1
Short-circuit current
Min.
9A 3)
Load impedance 50mOhm, see Fig. 6-3
Max.
14A 3)
Load impedance 50mOhm, see Fig. 6-3
Max.
3.3A
Average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
Min.
15A
Up to 12ms, load impedance 50mOhm, see Fig. 6-2
Typ.
16A
Up to 12ms, load impedance 50mOhm, see Fig. 6-2
Output capacitance
Typ.
2 000μF
Included inside the power supply
1) Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
2) HiccupPLUS Mode
At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the overload
exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3
3) Discharge current of output capacitors is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com