Electronic Components Datasheet Search
  English  ▼

X  

S8337 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8337
Description  STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8337 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8337 Datasheet HTML 2Page - Seiko Instruments Inc S8337 Datasheet HTML 3Page - Seiko Instruments Inc S8337 Datasheet HTML 4Page - Seiko Instruments Inc S8337 Datasheet HTML 5Page - Seiko Instruments Inc S8337 Datasheet HTML 6Page - Seiko Instruments Inc S8337 Datasheet HTML 7Page - Seiko Instruments Inc S8337 Datasheet HTML 8Page - Seiko Instruments Inc S8337 Datasheet HTML 9Page - Seiko Instruments Inc S8337 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C, VSS = 0 V)
Parameter
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS – 0.3 to VSS
+ 6.5
V
FB pin voltage
VFB
VSS – 0.3 to VSS
+ 6.5
V
EXT pin voltage
VEXT
VSS – 0.3 to VIN
+ 0.3
V
CSP pin voltage
VCSP
VSS – 0.3 to VIN
+ 0.3
V
CC pin voltage
VCC
VSS – 0.3 to VIN
+ 0.3
V
CC pin current
ICC
±10
mA
ROSC pin voltage
VROSC
VSS – 0.3 to VIN
+ 0.3
V
ROSC pin current
IROSC
±10
mA
RDuty pin voltage
VRDuty
VSS – 0.3 to VIN
+ 0.3
V
RDuty pin current
IRDuty
±10
mA
ON/OFF pin voltage
VON/OFF
VSS – 0.3 to VSS
+ 6.5
V
Power
dissipation
8-Pin SON(A)
PD
300 (When not mounted on board)
mW
600*1
mW
8-Pin TSSOP
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Topr
–40 to
+85
°C
Storage temperature
Tstg
–40 to
+125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded
under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
8-Pin SON(A)
8-Pin TSSOP
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
400
8-Pin SON(A)
8-Pin TSSOP
Figure 4 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com