Electronic Components Datasheet Search
  English  ▼

X  

S8337 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8337
Description  STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8337 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8337 Datasheet HTML 1Page - Seiko Instruments Inc S8337 Datasheet HTML 2Page - Seiko Instruments Inc S8337 Datasheet HTML 3Page - Seiko Instruments Inc S8337 Datasheet HTML 4Page - Seiko Instruments Inc S8337 Datasheet HTML 5Page - Seiko Instruments Inc S8337 Datasheet HTML 6Page - Seiko Instruments Inc S8337 Datasheet HTML 7Page - Seiko Instruments Inc S8337 Datasheet HTML 8Page - Seiko Instruments Inc S8337 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
S-8337/8338 Series
www.sii-ic.com
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL
SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2003-2010
Rev.4.0_01
1
The S-8337/8338 Series is a CMOS step-up switching regulator which mainly consists of a reference voltage
circuit, an oscillator, an error amplifier, a PWM controller, an under voltage lockout circuit (UVLO), and a timer
latch short-circuit protection circuit. Because its minimum operating voltage is as low as 1.8 V, this switching
regulator is ideal for the power supply of an LCD or for portable systems that operate on a low voltage. The
internal oscillation frequency can be set up to 1.133 MHz, via the resistor connected to the ROSC pin.
With the S-8337 Series, the maximum duty ratio of PWM control can be controlled by the resistor connected to
the RDuty pin. With the S-8338 Series, the maximum duty ratio is fixed (to 88%). The phase compensation
and gain value can be adjusted according to the values of the resistor and capacitor connected to the CC pin.
Therefore, the operation stability and transient response can be correctly set for each application. The
reference voltage accuracy is as high as 1.0 V
±1.5%, and any voltage can be output by using an external
output voltage setting resistor.
In addition, the delay time of the short-circuit protection circuit can be set by using the capacitor connected to
the CSP pin. If the maximum duty condition continues because of short-circuiting, the capacitor externally
connected to the CSP pin is charged, and oscillation stops after a specific time. This condition is cleared by
re-application of power or by setting the switching regulator (S-8338 Series) to the shutdown status. A ceramic
capacitor or a tantalum capacitor is used as the output capacitor, depending on the setting. This controller IC
allows various settings and selections and employs a small package, making it very easy to use.
Features
• Low voltage operation:
1.8 V to 6.0 V
• Oscillation frequency:
286 kHz to 1.133 MHz (selectable by external resistor)
• Maximum duty:
47 to 88.5% (selectable by external resistor) (S-8337 Series)
Fixed to 88% typ. (S-8338 Series)
• Reference voltage:
1.0 V
±1.5%
• UVLO (under-voltage lockout) function:
Detection voltage can be selected from between 1.5 V and 2.3 V in 0.1 V steps.
Hysteresis width can be selected from between 0.1 V and 0.3 V in 0.1 V steps.
• Timer latch short-circuit protection circuit:
Delay time can be set using an external capacitor.
• Soft-start function:
Soft-start time can be selected in three steps, 10 ms, 15 ms, and 20 ms.
• Phase compensation external setting:
Adjustable by connecting resistor and capacitor in series to GND.
• Shutdown function:
S-8338 Series, shutdown current consumption: 1.0
μA max.
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for LCDs and CCDs
• Power supplies for portable equipment
Packages
• 8-Pin SON(A)
• 8-Pin TSSOP


Similar Part No. - S8337

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S833 NKK-S833 Datasheet
165Kb / 4P
High Capacity Standard Size Toggles
logo
Roithner LaserTechnik G...
S83300MG ROITHNER-S83300MG Datasheet
588Kb / 5P
multi mode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
Infrared Laser Diode
logo
Satco Products, Inc.
S8331 SATCO-S8331 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-1 (4-Pin) base
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S8337

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
logo
Seiko Instruments Inc
S-8365 SII-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
S8365 SII-S8365 Datasheet
3Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com