Electronic Components Datasheet Search
  English  ▼

X  

S8337 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8337
Description  STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8337 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8337 Datasheet HTML 4Page - Seiko Instruments Inc S8337 Datasheet HTML 5Page - Seiko Instruments Inc S8337 Datasheet HTML 6Page - Seiko Instruments Inc S8337 Datasheet HTML 7Page - Seiko Instruments Inc S8337 Datasheet HTML 8Page - Seiko Instruments Inc S8337 Datasheet HTML 9Page - Seiko Instruments Inc S8337 Datasheet HTML 10Page - Seiko Instruments Inc S8337 Datasheet HTML 11Page - Seiko Instruments Inc S8337 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
8
2. S-8338 Series
Table 5 Electrical Characteristics
(Unless otherwise specified: VIN
= 3.3 V, Ta = 25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating input voltage
VIN
⎯
1.8
⎯
6.0
V
2
FB voltage
VFB
⎯
0.985
1.000
1.015
V
2
Current consumption
ISS1
fosc
= 700 kHz
VFB
= 0.95 V
⎯
400
700
μA
1
Shutdown current
consumption
ISSS
VIN
= 6.0 V
⎯
⎯
1.0
μA
1
EXT pin output current
IEXTH
VEXT
= VIN − 0.4 V
⎯
−100
−60
mA
1
IEXTL
VEXT
= 0.4 V
100
160
⎯
mA
1
FB voltage temperature
coefficient
ΔVFB
ΔTa
Ta
= −40°C to +85°C
⎯
±100
⎯
ppm/
°C2
FB pin input current
IFB
⎯
−0.1
⎯
+0.1
μA
1
Oscillation frequency*1
fosc
fosc
= 1133 kHz (ROSC = 120 kΩ)
fosc
= 700 kHz (ROSC = 200 kΩ)
fosc
= 286 kHz (ROSC = 510 kΩ)
VFB
= 0.9 V
Waveform on EXT pin is measured
fosc
× 0.9
fosc
fosc
× 1.1
kHz
1
Oscillation frequency
temperature coefficient
Δfosc
ΔTa
Ta
= −40°C to +85°C
fosc
= 700 kHz
⎯
1000
⎯
ppm/
°C1
Max. duty ratio
MaxDuty fosc
= 700 kHz (ROSC = 200 kΩ)
83
88
93
%
1
Soft-start time
tSS
tSS
= 10 ms, 15 ms, 20 ms
Selectable in three steps
tSS
× 0.75
tSS
tSS
× 1. 5
ms
1
Short-circuit protection
delay time*2
tPRO
tPRO
= 50 ms
(CSP
= 0.1 μF)
37.5
50
75
ms
1
UVLO detection voltage
VUVLO
VUVLO
= 1.5 V to 2.3 V
Selected in 0.1 V steps
VUVLO
× 0.95
VUVLO
VUVLO
× 1.05
V
1
UVLO hysteresis width
VUVLOHYS
VUVLOHYS
= 0.1 V to 0.3 V
Selected in 0.1 V steps
VUVLOHYS
× 0.6
VUVLOHYS
VUVLOHYS
× 1.4
mV
1
CC pin output current
ICCH
VFB
= 2 V
−75
−50
−37.5
μA
1
ICCL
VFB
= 0 V
37.5
50
75
μA
1
Timer latch reset
voltage
VRTLT
⎯
0.7
1.0
1.3
V
1
Shutdown pin input
voltage (High level)
VSH
⎯
1.8
⎯
⎯
V
1
Shutdown pin input
voltage (Low level)
VSL
⎯
⎯
⎯
0.3
V
1
Shutdown pin input
current (High level)
ISH
⎯
−0.1
⎯
+0.1
μA
1
Shutdown pin input
current (Low level)
ISL
⎯
−0.1
⎯
+0.1
μA
1
*1. The recommended range of the resistance (Rosc) for setting the oscillation frequency is Rosc
= 120 kΩ to 510 kΩ (fosc = 286 kHz to 1.133
MHz). However, the oscillation frequency is in the range of typical values when an ideal resistor is externally connected, so actually
the fluctuation of the IC (
±10%) must be considered.
*2. The short-circuit protection time can be set by the external capacitor, and the maximum set value by the external capacitor is unlimited
when an ideal case is assumed. But, use CSP
= approximately 0.47 μF as a target maximum value due to the need to consider the
discharge time of the capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com