Electronic Components Datasheet Search
  English  ▼

X  

S8337 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8337
Description  STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8337 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8337 Datasheet HTML 8Page - Seiko Instruments Inc S8337 Datasheet HTML 9Page - Seiko Instruments Inc S8337 Datasheet HTML 10Page - Seiko Instruments Inc S8337 Datasheet HTML 11Page - Seiko Instruments Inc S8337 Datasheet HTML 12Page - Seiko Instruments Inc S8337 Datasheet HTML 13Page - Seiko Instruments Inc S8337 Datasheet HTML 14Page - Seiko Instruments Inc S8337 Datasheet HTML 15Page - Seiko Instruments Inc S8337 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
12
(VIN
= 0 V→3.3 V, VOUT = 9.2 V, RFB1 = 8.2 kΩ, RFB2 = 1.0 kΩ)
0.3 V
0 V
Input voltage
(VIN)
3.3 V
0 V
Output voltage
(VOUT)
9.2 V
0 V
Error amplifier
reference voltage
1.0 V
0 V
FB pin voltage
(VFB)
1.0 V
0 V
EXT pin voltage
(VEXT)
4.0 V
t (ms)
0.35 V
2.9 V
tSS
VOUT
× 0.95 V
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com