Electronic Components Datasheet Search
  English  ▼

X  

S8365 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8365 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8365 Datasheet HTML 29Page - Seiko Instruments Inc S8365 Datasheet HTML 30Page - Seiko Instruments Inc S8365 Datasheet HTML 31Page - Seiko Instruments Inc S8365 Datasheet HTML 32Page - Seiko Instruments Inc S8365 Datasheet HTML 33Page - Seiko Instruments Inc S8365 Datasheet HTML 34Page - Seiko Instruments Inc S8365 Datasheet HTML 35Page - Seiko Instruments Inc S8365 Datasheet HTML 36Page - Seiko Instruments Inc S8365 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_01
S-8365/8366 Series
33
Characteristics (Typical Data)
1. Examples of Major Power Supply Dependence Characteristics (Ta = 25
°C)
(1) Current consumption during operation (ISS1) vs.
Input voltage (VIN)
(2) Current consumption during shutdown (ISSS) vs.
Input voltage (VIN)
700
0
600
500
400
300
200
100
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
1.2 MHz
600 kHz
VIN [V]
1.0
0.0
0.8
0.6
0.4
0.2
VIN [V]
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
(3) Oscillation frequency (fosc) vs. Input voltage (VIN)
fOSC = 1.2 MHz
fOSC = 600 kHz
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
1.4
1.0
1.3
1.2
1.1
VIN [V]
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
500
650
600
550
700
VIN [V]
(4) Maximum duty ratio (MaxDuty) vs. Input voltage (VIN)
(5) Soft-start time (tSS) vs. Input voltage (VIN)
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
100
70
95
90
85
80
75
1.2 MHz
600 kHz
VIN [V]
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
10
0
9
8
7
6
5
4
3
2
1
VIN [V]
(6) PWM / PFM switching duty ratio (PFMDuty) vs. Input voltage (VIN)
1.8 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
40
0
35
30
25
20
15
10
5
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com