Electronic Components Datasheet Search
  English  ▼

X  

S8365 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8365 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8365 Datasheet HTML 8Page - Seiko Instruments Inc S8365 Datasheet HTML 9Page - Seiko Instruments Inc S8365 Datasheet HTML 10Page - Seiko Instruments Inc S8365 Datasheet HTML 11Page - Seiko Instruments Inc S8365 Datasheet HTML 12Page - Seiko Instruments Inc S8365 Datasheet HTML 13Page - Seiko Instruments Inc S8365 Datasheet HTML 14Page - Seiko Instruments Inc S8365 Datasheet HTML 15Page - Seiko Instruments Inc S8365 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.2.1_01
12
External Parts List When Measuring Electrical Characteristics
Table 10 External Parts List
Element Name
Symbol
Consonants
Manufacturer
Part Number
Inductor
L
2.2
μH (1.2 MHz product)
TAIYO YUDEN Co., Ltd.
NR6028T
3.3
μH (600 kHz product)
TDK Corporation
LTF5022
Transistor
M1
−
Vishay Intertechnology, Inc.
Si3460BDV
Q1
−
TOSHIBA CORPORATION
2SD2652
Diode
SD
−
SHINDENGEN ELECTRIC
MANUFACTURING CO.,LTD
D1FH3
Input capacitor
CIN
10
μF
TDK Corporation
C3225X7R1E106MB
Output capacitor
COUT
22
μF
TDK Corporation
C4532X7R1E226MB
FB pin capacitor
CFB
47 pF
Murata Manufacturing Co., Ltd.
GRM1882C1H
series
CSP pin capacitor
CSP
0.1
μF
TDK Corporation
C1220X7R1E104MB
Speed-up capacitor
Cb
2200 pF
TDK Corporation
C1005X7R1H222K
Base resistor
Rb
1 k
Ω
ROHM Co., Ltd.
MCR03 series
Output voltage setting
resistor 1
RFB1
220 k
Ω
ROHM Co., Ltd.
MCR03 series
Output voltage setting
resistor 2
RFB2
30 k
Ω
ROHM Co., Ltd.
MCR03 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com