Electronic Components Datasheet Search
  English  ▼

X  

S8365 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8365 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S8365 Datasheet HTML 33Page - Seiko Instruments Inc S8365 Datasheet HTML 34Page - Seiko Instruments Inc S8365 Datasheet HTML 35Page - Seiko Instruments Inc S8365 Datasheet HTML 36Page - Seiko Instruments Inc S8365 Datasheet HTML 37Page - Seiko Instruments Inc S8365 Datasheet HTML 38Page - Seiko Instruments Inc S8365 Datasheet HTML 39Page - Seiko Instruments Inc S8365 Datasheet HTML 40Page - Seiko Instruments Inc S8365 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_01
S-8365/8366 Series
37
(13) EXT pin output current “H” (IEXTH) vs.
Temperature (Ta)
(14) EXT pin output current “L” (IEXTL) vs. Temperature (Ta)
−40
85
75
50
25
0
−25
Ta [
C]
0
−350
−50
−100
−150
−200
−250
−300
VDD = 5.5 V
VDD = 3.6 V
VDD = 2.0 V
−40
85
75
50
25
0
−25
Ta [
C]
0
350
50
100
150
200
250
300
VDD = 5.5 V
VDD = 3.6 V
VDD = 2.0 V
(15) Operating start voltage (VST1) vs. Temperature (Ta)
fOSC = 1.2 MHz
fOSC = 600 kHz
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.0
0.8
0.6
0.4
0.2
S-8365 Series
S-8366 Series
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.0
0.8
0.6
0.4
0.2
S-8365 Series
S-8366 Series
(16) Oscillation start voltage (VST2) vs. Temperature (Ta)
fOSC = 1.2 MHz
fOSC = 600 kHz
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
S-8365 Series
S-8366 Series
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
S-8365 Series
S-8366 Series
(17) Operation holding voltage (VHLD) vs. Temperature (Ta)
fOSC = 1.2 MHz
fOSC = 600 kHz
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
S-8365 Series
S-8366 Series
−40
85
75
50
25
0
−25
Ta [
C]
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
S-8365 Series
S-8366 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com