Electronic Components Datasheet Search
  English  ▼

X  

S8365 Datasheet(PDF) 49 Page - Seiko Instruments Inc

Part # S8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8365 Datasheet(HTML) 49 Page - Seiko Instruments Inc

Back Button S8365 Datasheet HTML 45Page - Seiko Instruments Inc S8365 Datasheet HTML 46Page - Seiko Instruments Inc S8365 Datasheet HTML 47Page - Seiko Instruments Inc S8365 Datasheet HTML 48Page - Seiko Instruments Inc S8365 Datasheet HTML 49Page - Seiko Instruments Inc S8365 Datasheet HTML 50Page - Seiko Instruments Inc S8365 Datasheet HTML 51Page - Seiko Instruments Inc S8365 Datasheet HTML 52Page - Seiko Instruments Inc S8365 Datasheet HTML 53Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_01
S-8365/8366 Series
49
3. Output Current (IOUT) vs. Ripple Voltage (Vr) Characteristics
Following shows the actual output current (IOUT) vs. ripple voltage (Vr) characteristics for conditions of 1 to 12 in
Table 20.
Condition 1 S-8365AABBA (VOUT(S) = 2.5 V)
Condition 2 S-8365ABBBA (VOUT(S) = 2.5 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
Condition 3 S-8366AABBA (VOUT(S) = 2.5 V)
Condition 4 S-8366ABBBA (VOUT(S) = 2.5 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
Condition 5 S-8365AABBA (VOUT(S) = 3.3 V)
Condition 6 S-8365ABBBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
Condition 7 S-8366AABBA (VOUT(S) = 3.3 V)
Condition 8 S-8366ABBBA (VOUT(S) = 3.3 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com