Electronic Components Datasheet Search
  English  ▼

X  

S8533 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 19Page - Seiko Instruments Inc S8533 Datasheet HTML 20Page - Seiko Instruments Inc S8533 Datasheet HTML 21Page - Seiko Instruments Inc S8533 Datasheet HTML 22Page - Seiko Instruments Inc S8533 Datasheet HTML 23Page - Seiko Instruments Inc S8533 Datasheet HTML 24Page - Seiko Instruments Inc S8533 Datasheet HTML 25Page - Seiko Instruments Inc S8533 Datasheet HTML 26Page - Seiko Instruments Inc S8533 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
23
External Parts List for Ripple Data
Table 5 External Parts for Input Voltage vs. Ripple Voltage Characteristics Data
No.
Product Name
Output
Voltage
Inductor
Transistor
P-channel
Transistor
N-channel
Output
Capacitor
Input
Capacitor
Application Condition
(27)
S-8533A15AFT
1.5 V
CDRH104R/22
μH
CPH6303
CPH6403
47
μF × 2 47 μF, 0.1 μF
IOUT
≤ 2 A, VIN ≤ 8 V
(28)
Si3441DV
Si3442DV
IOUT
≤ 1.4 A, VIN ≤ 6 V
(29)
S-8533A33AFT
3.3 V
CPH6303
CPH6403
IOUT
≤ 2 A, VIN ≤ 8 V
(30)
Si3441DV
Si3442DV
IOUT
≤ 1.4 A, VIN ≤ 6 V
(31)
CPH6302
CPH6402
IOUT
≤ 2 A, VIN ≤ 16 V
(32)
Si3455DV
Si3454DV
IOUT
≤ 1.6 A, VIN ≤ 16 V
(33)
S-8533A50AFT
5.0 V
CPH6302
CPH6402
IOUT
≤ 2 A, VIN ≤ 16 V
(34)
Si3455DV
Si3454DV
IOUT
≤ 1.6 A, VIN ≤ 16 V
Performance Data for Parts
The following shows the performance of external parts.
Table 6 Performance of External Parts
Parts
Product
Name
Manufacturer
Characteristics
Inductor
CDRH125
Sumida
Corporation
L Value
DC Resistance
Maximum
Current
Diameter
Height
10
μH
0.019
Ω
4.0 A
12.0 mm typ.
12.3 mm max.
8.0 mm max.
CDRH104R
47
μH
0.095
Ω
1.9 A
10.2 mm typ.
10.5 mm max.
4.0 mm max.
22
μH
0.054
Ω
2.5 A
10
μH
0.026
Ω
3.8 A
Diode
MA737
Matsushita Electric
Industrial Co., Ltd
Forward current 1.5 A (@VF = 0.5 V)
Output
Capacity
F93
Nichicon
Corporation
External
transistor
(P-channel
FET)
CPH6303
Sanyo
Electric Co., Ltd
VGS = 10 V max., ID =
−4 A max., Vth = −0.4 V min.,
Ciss = 820 pF typ., RDS(ON) = 0.090
Ω max. (VGS = −4 V),
CPH6 package
CPH6302
VGS = 20 V max., ID =
−3 A max., Vth = −1.0 V min.,
Ciss = 300 pF typ., RDS(ON) = 0.145
Ω max. (VGS = −10 V),
CPH6 package
Si3441DV
Vishay
Silliconix
VGS = 8 V max., ID =
−3.3 A max., Vth = −0.45 V min.,
RDS(ON) = 0.10
Ω max. (VGS = −4.5 V), TSOP-6 package
Si3455DV
VGS = 20 V max., ID =
−3.5 A max., Vth = −1.0 V min.,
RDS(ON) = 0.100
Ω max. (VGS = −10 V), TSOP-6 package
External
transistor
(N-channel
FET)
CPH6403
Sanyo
Electric Co., Ltd
VGS = 10 V max., ID = 6 A max., Vth = 0.4 V min.,
Ciss = 700 pF typ., RDS(ON) = 0.038
Ω max. (VGS= 4 V),
CPH6 package
CPH6402
VGS = 24 V max., ID = 4 A max., Vth = 1.0 V min.,
Ciss = 240 pF typ., RDS(ON) = 0.75
Ω max. (VGS= 10 V),
CPH6 package
Si3442DV
Vishay
Silliconix
VGS = 8 V max., ID = 4.0 A max., Vth = 0.6 V min.,
RDS(ON) = 0.07
Ω max. (VGS = 4.5 V), TSOP-6 package
Si3454DV
VGS = 20 V max., ID = 4.2 A max., Vth = 1.0 V min.,
RDS(ON) = 0.065
Ω max. (VGS = 10 V), TSOP-6 package
Caution The value of each characteristic in Table 6 depends on the materials prepared by each manufacturer,
however, confirm the specifications by referring to respective materials when using any of the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com