Electronic Components Datasheet Search
  English  ▼

X  

S8533 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 8Page - Seiko Instruments Inc S8533 Datasheet HTML 9Page - Seiko Instruments Inc S8533 Datasheet HTML 10Page - Seiko Instruments Inc S8533 Datasheet HTML 11Page - Seiko Instruments Inc S8533 Datasheet HTML 12Page - Seiko Instruments Inc S8533 Datasheet HTML 13Page - Seiko Instruments Inc S8533 Datasheet HTML 14Page - Seiko Instruments Inc S8533 Datasheet HTML 15Page - Seiko Instruments Inc S8533 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
12
External Parts Selection
1. Inductor
The inductance value (L) greatly affects the maximum output current (IOUT) and the efficiency (
η).
As the L value is reduced gradually, the peak current (IPK) increases, the stability of the circuit is improved, and IOUT
increases. As the L value is made even smaller, the efficiency is lowered, and IOUT decreases since the current
driveability of the switching transistor is insufficient.
As the L value is increased, the dissipation in the switching transistor due to IPK decreases, and the efficiency
reaches the maximum at a certain L value. As the L value is made even larger, the efficiency degrades since the
dissipation due to the series resistance of the coil increases. IOUT also decreases.
An inductance of 22
μH is recommended for the S-8533 Series.
When choosing an inductor, attention to its allowable current should be paid since the current exceeding the
allowable value will cause magnetic saturation in the inductor, leading to a marked decline in efficiency and the
breakdown of the IC due to large current.
An inductor should therefore be selected so that IPK does not surpass its allowable current. IPK is expressed by the
following equation :
IN
OSC
OUT
IN
OUT
OUT
PK
V
L
f
2
)
V
(V
V
I
I
×
×
×
−
×
+
=
where fOSC (= 300 kHz) is the oscillation frequency.
2. Capacitors (CIN, COUT)
The capacitor (CIN) inserted on the input side serves to lower the power impedance, average input current, and
suppress back-flow current to the power source. Select the CIN value according to the impedance of the power
supplied, and select a capacitor that has low ESR (Equivalent Series Resistance) and large capacitance. It should
be approximately 47 to 100
μF, although the actual value depends on the impedance of the power source used and
load current value. When the input voltage is low and the load is large, the output voltage may become unstable.
In this case, increase the input capacitance.
For the output side capacitor (COUT), select a large capacitance with low ESR (Equivalent Series Resistance) to
smoothen the ripple voltage. When the input voltage is extremely high or the load current is extremely large, the
output voltage may become unstable. In this case, the unstable area will become narrow by selecting a large
capacitance for an output side capacitor. A tantalum electrolytic capacitor is recommended since the unstable area
widens when a capacitor with a large ESR, such as an aluminum electrolytic capacitor, or a capacitor with a small
ESR, such as a ceramic capacitor, is chosen. The range of the capacitance should generally be approximately 47
to 100
μF.
Fully evaluate input and output capacitors under the actual operating conditions to determine the best value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com