Electronic Components Datasheet Search
  English  ▼

X  

S8533 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8533 Datasheet HTML 1Page - Seiko Instruments Inc S8533 Datasheet HTML 2Page - Seiko Instruments Inc S8533 Datasheet HTML 3Page - Seiko Instruments Inc S8533 Datasheet HTML 4Page - Seiko Instruments Inc S8533 Datasheet HTML 5Page - Seiko Instruments Inc S8533 Datasheet HTML 6Page - Seiko Instruments Inc S8533 Datasheet HTML 7Page - Seiko Instruments Inc S8533 Datasheet HTML 8Page - Seiko Instruments Inc S8533 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
3
Product Name Structure
The output voltage for the S-8533 Series can be selected depending on usage. Refer to “1. Product Name” for the
definition of the product name, “2. Package” regarding the package drawings and “3. Product Name List” for the full
product names.
1. Product Name
S-8533A xx x FT – TB – x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Package name (abbreviation)
FT : 8-Pin TSSOP
Output voltage
A : 1.3 to 6.0 V
5 : 1.25 V
Output voltage
13 to 60
(E.g., when the output voltage is 1.5 V, it is expressed as 15.)
The product whose output voltage is 1.25 V expresses 12.
*1. Refer to the tape specifications.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin TSSOP
Environmental code = G
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD
Environmental code = U
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com