Electronic Components Datasheet Search
  English  ▼

X  

S8533 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 24Page - Seiko Instruments Inc S8533 Datasheet HTML 25Page - Seiko Instruments Inc S8533 Datasheet HTML 26Page - Seiko Instruments Inc S8533 Datasheet HTML 27Page - Seiko Instruments Inc S8533 Datasheet HTML 28Page - Seiko Instruments Inc S8533 Datasheet HTML 29Page - Seiko Instruments Inc S8533 Datasheet HTML 30Page - Seiko Instruments Inc S8533 Datasheet HTML 31Page - Seiko Instruments Inc S8533 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
28
3. Output Current (IOUT) vs. Ripple Voltage (Vr) Characteristics
The following shows the actual output current (IOUT) vs. ripple voltage (Vr) characteristics when the S-8533 Series is
used under conditions (27) to (34) in
Table 5.
(27) S-8533A15AFT (CPH6303/CPH6403)
(28) S-8533A15AFT (Si3441DV/Si3442DV)
35
40
45
50
1
10
100
1000
10000
Output current (mA)
VIN = 2.7 V
5.0 V
0
5
30
15
20
25
10
0
20
25
30
35
40
45
50
1
10
100
1000
10000
Output current (mA)
15
10
5
VIN = 2.7 V
5.0 V
(29) S-8533A33AFT (CPH6303/CPH6403)
(30) S-8533A33AFT (Si3441DV/Si3442DV)
0
35
40
45
50
1
10
100
1000
10000
Output current (mA)
5
10
15
20
25
30
VIN = 4.0 V
4.95 V
0
35
40
45
50
1
10
100
1000
10000
Output current (mA)
30
5
10
15
20
25
VIN = 4.0 V
7.0 V
4.95 V
(31) S-8533A33AFT (CPH6302/CPH6402)
(32) S-8533A33AFT (Si3454DV/Si3455DV)
0
35
40
45
50
1
10
100
1000
10000
Output current (mA)
30
10
15
25
20
5
VIN = 4.95 V
10 V
1
10
100
1000
10000
Output current (mA)
0
5
30
35
40
45
50
10
15
25
20
VIN = 4.95 V
10 V
(33) S-8533A50AFT (CPH6302/CPH6402)
(34) S-8533A50AFT (Si3454DV/Si3455DV)
0
5
50
1
10
100
1000
10000
Output current (mA)
10
15
20
25
30
35
40
45
VIN = 6.0 V
16 V
7.5 V
10 V
0
5
10
30
40
45
50
1
10
100
1000
10000
Output current (mA)
20
35
25
15
VIN = 6.0 V
16 V
7.5 V
10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com