Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8550 Datasheet HTML 1Page - Seiko Instruments Inc S8550 Datasheet HTML 2Page - Seiko Instruments Inc S8550 Datasheet HTML 3Page - Seiko Instruments Inc S8550 Datasheet HTML 4Page - Seiko Instruments Inc S8550 Datasheet HTML 5Page - Seiko Instruments Inc S8550 Datasheet HTML 6Page - Seiko Instruments Inc S8550 Datasheet HTML 7Page - Seiko Instruments Inc S8550 Datasheet HTML 8Page - Seiko Instruments Inc S8550 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_01
S-8550 Series
5
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C, VSS = 0 V)
Item
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 6.0
V
FB pin voltage
VFB
VSS
− 0.3 to VIN + 0.3
V
CONT pin voltage
VCONT
VSS
− 0.3 to VIN + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VIN + 0.3
V
CONT pin current
ICONT
1300
mA
Power
dissipation
SOT-23-5
PD
600*1
mW
SNT-8A
450*1
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on printed circuit board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution 1. The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
2. Since this IC has a built-in power MOS FET, make sure that dissipation of the power MOS FET
does not exceed the allowable power dissipation of the package. (Refer to Figure 5.)
Generally, dissipation of a switching regulator can be calculated by the following equation.
Dissipation = (100 (%)
− efficiency (%)) / efficiency (%) × output voltage × load current
The greater part of dissipation depends on the built-in power MOS FET, however, dissipation
of the inductor is also included.
In addition, since power dissipation of the package also changes according to a mounting
board or a mounting state, fully check them using an actually mounted mode.
0
400
0
Ambient temperature (Ta) [
°C]
200
500
300
100
600
700
50
100
150
SNT-8A
SOT-23-5
Figure 5 Power Dissipation of Package (Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com