Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8550 Datasheet HTML 13Page - Seiko Instruments Inc S8550 Datasheet HTML 14Page - Seiko Instruments Inc S8550 Datasheet HTML 15Page - Seiko Instruments Inc S8550 Datasheet HTML 16Page - Seiko Instruments Inc S8550 Datasheet HTML 17Page - Seiko Instruments Inc S8550 Datasheet HTML 18Page - Seiko Instruments Inc S8550 Datasheet HTML 19Page - Seiko Instruments Inc S8550 Datasheet HTML 20Page - Seiko Instruments Inc S8550 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_01
S-8550 Series
17
1. 9 FB voltage (VFB) vs. Input voltage (VIN)
2.0
4.0
5.0
5.5
612
600
588
VIN [V]
2.5
3.0
3.5
4.5
604
608
596
592
2. Example of Major Temperature Characteristics (Ta
= −40 to +85°C)
2. 1 Current consumption 1 (ISS1) vs. Temperature (Ta)
2. 2 Current consumption during shutdown (ISSS) vs. Temperature (Ta)
−40
75 85
500
0
−25
0
25
50
300
400
200
100
Ta [
C]
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
−40
75 85
1.0
0
−25
0
25
50
0.6
0.8
0.4
0.2
Ta [
C]
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
2. 3 Oscillation frequency (fosc) vs. Temperature (Ta)
2. 4 Soft-start time (tSS) vs. Temperature (Ta)
−40
75 85
1.32
1.08
−25
0
25
50
1.28
1.20
1.16
Ta [
C]
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
1.12
1.24
−40
75 85
1.3
0.7
−25
0
25
50
1.1
1.0
0.9
Ta [
C]
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
0.8
1.2
2. 5 Power MOS FET on-resistance (RFET) vs. Temperature (Ta)
2. 6 Power MOS FET leakage current (ILSW) vs. Temperature (Ta)
−40
75 85
0.8
0.2
−25
0
25
50
Ta [
C]
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
VIN = 5.5 V
VIN = 3.6 V
VIN = 2.0 V
Pch
Nch
0.6
0.5
0.4
0.3
0.7
−40
75 85
0.5
−0.5
−25
0
25
50
Ta [
C]
VIN = 5.5 V
VIN = 5.5 V
Pch
Nch
0.1
0
−0.1
−0.4
0.4
0.2
0.3
−0.2
−0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com