Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8550 Datasheet HTML 2Page - Seiko Instruments Inc S8550 Datasheet HTML 3Page - Seiko Instruments Inc S8550 Datasheet HTML 4Page - Seiko Instruments Inc S8550 Datasheet HTML 5Page - Seiko Instruments Inc S8550 Datasheet HTML 6Page - Seiko Instruments Inc S8550 Datasheet HTML 7Page - Seiko Instruments Inc S8550 Datasheet HTML 8Page - Seiko Instruments Inc S8550 Datasheet HTML 9Page - Seiko Instruments Inc S8550 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550 Series
Rev.5.0_01
6
Electrical Characteristics
Table 4 Electrical Characteristics
(Unless otherwise specified: VIN
= 3.6 V, VOUT = 1.8 V (the conditions in Table 5), Ta = +25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operating input voltage VIN
−
2.0
−
5.5
V
2
Output voltage range*1
VOUT
VIN = VOUT(S) + 0.4 V to 5.5 V
1.1
−
4.0
V
2
FB voltage
VFB
VIN = VOUT(S) + 0.4 V to 5.5 V
0.588
0.6
0.612
V
2
FB voltage temperature
coefficient
ΔVFB
ΔTa
Ta =
−40°C to +85°C
−
±100
−
ppm/
°C
2
FB pin input current
IFB
VIN = 2.0 V to 5.5 V, FB pin
−0.1
−
+0.1
μA
1
Current consumption
during shutdown
ISSS
VIN = 2.0 V to 5.5 V,
VON/OFF
= 0 V
−
−
1.0
μA
1
Current consumption 1 ISS1
fosc = 1.2 MHz, no external parts,
VFB = VFB(S)
× 1.1 V
−
200
400
μA
1
Power MOS FET
on-resistance
RPFET
ICONT = 100 mA
−
0.4
0.6
Ω
1
RNFET
ICONT =
−100 mA
−
0.3
0.5
Power MOS FET
leakage current
ILSW
VIN = 2.0 V to 5.5 V,
VON/OFF
= 0 V, VCONT = 0 or 3.6 V
−
±0.01
±0.5
μA
1
Limit current
ILIM
−
800
1000
1200
mA
1
Oscillation frequency
fosc
−
1.02
1.2
1.38
MHz
2
Soft-start time
tSS
Time required to reach 90% of
VOUT(S)
0.7
1.0
1.3
ms
2
High level input voltage VSH
VIN = 2.0 V to 5.5 V, ON/OFF pin
0.9
−
−
V
2
Low level input voltage VSL
VIN = 2.0 V to 5.5 V, ON/OFF pin
−
−
0.3
V
2
High level input current ISH
VIN = 2.0 V to 5.5 V, ON/OFF pin
−0.1
−
0.1
μA
1
Low level input current
ISL
VIN = 2.0 V to 5.5 V, ON/OFF pin
−0.1
−
0.1
μA
1
UVLO detection voltage
VUVLO
−
1.4
1.6
1.78
V
2
*1. VOUT(S) is the output voltage set value, and VOUT is the typ. value of the actual output voltage.
VOUT(S) can be set depending on the ratio between the VFB value and output voltage set resistors (RFB1, RFB2).
For details, refer to “ External Parts Selection”
.
External Parts When Measuring Electrical Characteristics
Table 5 External Parts
Element Name
Symbol Constant
Manufacturer
Part Number
Inductor
L
3.3
μH
Taiyo Yuden Co., Ltd.
NR4018T3R3M
Input capacitor
CIN
4.7
μF
TDK Corporation
C3216X7R1E475K
Output capacitor
COUT
10
μF
TDK Corporation
C3216X7R1C106K
Output voltage set resistor 1
RFB1
36 k
Ω
Rohm Co., Ltd.
MCR03 Series 3602
Output voltage set resistor 2
RFB2
18 k
Ω
Rohm Co., Ltd.
MCR03 Series 1802
Phase compensation capacitor CFB
68 pF
Murata Manufacturing Co., Ltd.
GRM1882C1H680J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com