Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8550 Datasheet HTML 8Page - Seiko Instruments Inc S8550 Datasheet HTML 9Page - Seiko Instruments Inc S8550 Datasheet HTML 10Page - Seiko Instruments Inc S8550 Datasheet HTML 11Page - Seiko Instruments Inc S8550 Datasheet HTML 12Page - Seiko Instruments Inc S8550 Datasheet HTML 13Page - Seiko Instruments Inc S8550 Datasheet HTML 14Page - Seiko Instruments Inc S8550 Datasheet HTML 15Page - Seiko Instruments Inc S8550 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550 Series
Rev.5.0_01
12
External Parts Selection
1. Inductor
The inductance (L value) has a strong influence on the maximum output current (IOUT) and efficiency (
η).
The peak current (IPK) increases by decreasing L and the stability of the circuit improves and IOUT increases. If
L is decreased further, the current drive capability of the external transistor is insufficient and IOUT decreases.
If the L value is increased, the loss due to IPK of the power MOS FET decreases and the efficiency becomes
maximum at a certain L value. Further increasing L decreases the efficiency due to the increased loss of the
DC resistance of the inductor.
The recommended L value for the S-8550 Series is 3.3
μH.
When selecting an inductor, note the allowable current of the inductor. If a current exceeding this allowable
current flows through the inductor, magnetic saturation occurs, substantially lowering the efficiency.
Therefore, select an inductor so that IPK does not exceed the allowable current. IPK is expressed by the
following equations in the discontinuous mode and continuous mode.
2
× fOSC × L × VIN
IPK = IOUT +
VOUT
× (VIN − VOUT)
fOSC
= Oscillation frequency
Table 7 Typical Inductors
Manufacturer
Part Number
L Value
DC
Resistance
Rated Current
Dimensions
(L
× W × H) [mm]
Taiyo Yuden Co., Ltd.
NR4018T3R3M
3.3
μH
0.07
Ω max.
1.23 A max.
4.0
× 4.0 × 1.8
NR3012T3R3M
3.3
μH
0.1
Ω max.
0.91 A max.
3.0
× 3.0 × 1.2
Sumida Corporation
CDRH3D16/HP-3R3
3.3
μH
0.085
Ω max.
1.40 A max.
4.0
× 4.0 × 1.8
CDRH2D11/HP-3R3
3.3
μH
0.173
Ω max.
0.9 A max.
3.2
× 3.2 × 1.2
TDK Corporation
VLF4012AT-3R3M
3.3
μH
0.12
Ω max.
1.3 A max.
3.7
× 3.5 × 1.2
VLF3010AT-3R3M
3.3
μH
0.17
Ω max.
0.87 A max.
2.6
× 2.8 × 1.0
FDK Corporation
MIP3226D3R3M
3.3
μH
0.104
Ω max.
1.2 A max.
3.2
× 2.6 × 1.0
MIPS2520D3R3M
3.3
μH
0.156
Ω max.
1.0 A max.
2.5
× 2.0 × 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com