Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # TX6000
Description  916.50 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX6000 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  TX6000 Datasheet HTML 1Page - RF Monolithics, Inc TX6000 Datasheet HTML 2Page - RF Monolithics, Inc TX6000 Datasheet HTML 3Page - RF Monolithics, Inc TX6000 Datasheet HTML 4Page - RF Monolithics, Inc TX6000 Datasheet HTML 5Page - RF Monolithics, Inc TX6000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Transmitter Theory of Operation
Introduction
RFM’s TX-series hybrid transmitters are specifically designed for
short-range wireless data communication applications. These trans-
mitters provide robust operation, very small size, low power con-
sumption and low implementation cost. All critical RF functions are
contained in the hybrid, simplifying and speeding design-in. The
transmitters can be readily configured to support a wide range of
data rates and protocol requirements. TX-series transmitters feature
excellent suppression of output harmonics and virtually no other RF
emissions, making them easy to certify to short- range (unlicensed)
radio regulations.
Transmitter Block Diagram
Figure 1 is the general block diagram of the transmitter. Please refer
to Figure 1 for the following discussions.
Antenna Port
The only external RF components needed for the transmitter are the
antenna and its matching components. Antennas presenting an im-
pedance in the range of 35 to 72 ohms resistive can be satisfactorily
matched to the RFIO pin with a series matching coil and a shunt
matching/ESD protection coil. Other antenna impedances can be
matched using two or three components. For some impedances,
two inductors and a capacitor will be required. A DC path from RFIO
to ground is required for ESD protection.
Transmitter Chain
The transmitter chain consists of a SAW coupled-resonator oscilla-
tor followed by a modulated buffer amplifier. The SAW coupled res-
onator output filter suppresses transmitter harmonics to the
antenna.
Transmitter operation supports two modulation formats, on-off
keyed (OOK) modulation, and amplitude-shift keyed (ASK) modula-
tion. When OOK modulation is chosen, the transmitter output turns
completely off between “1” data pulses. When ASK modulation is
chosen, a “1” pulse is represented by a higher transmitted power
level, and a “0” is represented by a lower transmitted power level.
OOK modulation provides compatibility with first-generation ASH
technology, and provides for power conservation. ASK modulation
must be used for high data rates (data pulses less than 200 µs).
ASK modulation also reduces the effects of some types of interfer-
ence and allows the transmitted pulses to be shaped to control mod-
ulation bandwidth.
The modulation format is chosen by the state of the CNTRL0 and
the CNTRL1 mode control pins, as discussed below. In the OOK
mode, the oscillator amplifier TXA1 and buffer amplifier TXA2 are
turned off when the voltage to the TXMOD input falls below 220 mV.
In the OOK mode, the data rate is limited by the 15/10 µs turn-on
and turn-off time of the oscillator. In the ASK mode TXA1 is biased
ON continuously, and the output of TXA2 is modulated by the
TXMOD input current. Minimum output power occurs in the ASK
mode when the modulation driver sinks about 10 µA of current from
the TXMOD pin.
T r an sm i t t e r B l o ck D i ag r a m
T XA1
T XA2
A n t enna
SAW
Co u p l e d
R e s onat o r
SAW
CR
F ilt e r
M odul at i o n
& Bi a s C o n t r o l
TX
IN
CN
TR L 1
CN
TR L 0
T une/ E S D
An t
T une
R TX M
Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com