Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # TX6000
Description  916.50 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX6000 Datasheet(HTML) 6 Page - RF Monolithics, Inc

  TX6000 Datasheet HTML 1Page - RF Monolithics, Inc TX6000 Datasheet HTML 2Page - RF Monolithics, Inc TX6000 Datasheet HTML 3Page - RF Monolithics, Inc TX6000 Datasheet HTML 4Page - RF Monolithics, Inc TX6000 Datasheet HTML 5Page - RF Monolithics, Inc TX6000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
File: tx6000k.vp, 2003.09.07 rev
Note: Specifications subject to change without notice.
0
0 .0 5
0 .1 0
0 .1 5
0 .2 0
0 .2 5
0 .3 0
0 .3 5
0 .4 0
0 .4 5
0 .5 0
0. 125
0. 250
0. 375
0. 500
0. 625
0. 750
0. 875
1. 000
2. 7 V
3. 5 V
R F O ut put P ow e r v s I
TX M
I
TX M
in m A
0
0 .0 5
0 .1 0
0 .1 5
0 .2 0
0 .2 5
0 .3 0
0 .3 5
0 .4 0
0 .4 5
0 .5 0
I
TX M
in m A
V
TX M
v s I
TX M
0. 86
0. 88
0. 90
0. 92
0. 94
0. 96
0. 98
1. 00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com