Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # TX6000
Description  916.50 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX6000 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  TX6000 Datasheet HTML 1Page - RF Monolithics, Inc TX6000 Datasheet HTML 2Page - RF Monolithics, Inc TX6000 Datasheet HTML 3Page - RF Monolithics, Inc TX6000 Datasheet HTML 4Page - RF Monolithics, Inc TX6000 Datasheet HTML 5Page - RF Monolithics, Inc TX6000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
TX6000
916.50 MHz
Hybrid
Transmitter
The TX6000 hybrid transmitter is ideal for short-range wireless data applications
where robust operation, small size, low power consumption and low cost are required.
All critical RF functions are contained in the hybrid, simplifying and speeding design-
in. The TX6000 includes provisions for both on-off keyed (OOK) and amplitude-shift
keyed (ASK) modulation. The TX6000 employs SAW filtering to suppress output har-
monics, facilitating compliance with FCC 15.249 and similar regulations.
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
oC
Soldering Temperature (10 seconds)
250
oC
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
916.30
916.70
MHz
Modulation Types
OOK & ASK
OOK Data Rate
20
kbps
ASK Data Rate
115.2
kbps
Transmitter Performance
Peak RF Output Power, 450 µA TXMOD Current
PO
1.5
dBm
Peak Current, 450 µA TXMOD Current
ITP
12
mA
OOK Turn On/Turn Off Times
tON/tOFF
15/10
µs
ASK Output Rise/Fall Times
tTR/tTF
1.1/1.1
µs
2nd -4th Harmonic Outputs
-50
dBm
5th -10th Harmonic Outputs
-55
dBm
Non-harmonic Spurious Outputs
-50
dBm
Sleep Mode Current
IS
0.7
µA
Sleep to Transmit Switch Time
tTOR
16
µs
Transmit to Sleep Switch Time
tRTO
10
µs
Control Input Logic Low Level
200
mV
Control Input Logic High Level
1
Vcc - 300
mV
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Operating Ambient Temperature
TA
-40
+85
oC
Electrical Characteristics
Absolute Maximum Ratings
· Designed for Short-Range Wireless Data Communications
· Supports RF Data Transmission Rates Up to 115.2 kbps
· 3 V, Low Current Operation plus Sleep Mode
· Stable, Easy to Use, Low External Parts Count


Similar Part No. - TX6000

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TX6000 RFSOLUTIONS-TX6000 Datasheet
242Kb / 5P
458MHZ RF TRANSMITTER & RECEIVER
logo
PANDUIT CORP.
TX6000 PANDUIT-TX6000 Datasheet
105Kb / 2P
TX6000™ UTP Cableado de Cobre
3/2013
logo
rfsolutions.ltd
TX6000-XXX RFSOLUTIONS-TX6000-XXX Datasheet
242Kb / 5P
458MHZ RF TRANSMITTER & RECEIVER
More results

Similar Description - TX6000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR1000 RFM-TR1000 Datasheet
111Kb / 12P
916.50 MHz Hybrid Transceiver
TR1100 RFM-TR1100 Datasheet
119Kb / 12P
916.50 MHz Hybrid Transceiver
DR4000 RFM-DR4000 Datasheet
102Kb / 2P
916.50 MHz Transmitter Module
RX6000 RFM-RX6000 Datasheet
75Kb / 10P
916.50 MHz Hybrid Receiver
TX6004 RFM-TX6004 Datasheet
52Kb / 6P
914.00 MHz Hybrid Transmitter
TR8100 RFM-TR8100 Datasheet
502Kb / 14P
916.50 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8100 MURATA-TR8100 Datasheet
369Kb / 15P
916.50 MHz Hybrid Transceiver
TR1100 MURATA-TR1100 Datasheet
404Kb / 12P
916.50 MHz Hybrid Transceiver
TR1000 MURATA-TR1000 Datasheet
236Kb / 12P
916.50 MHz Hybrid Transceiver
DR4000 MURATA-DR4000 Datasheet
275Kb / 2P
916.50 MHz Transmitter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com