Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # TX6000
Description  916.50 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX6000 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  TX6000 Datasheet HTML 1Page - RF Monolithics, Inc TX6000 Datasheet HTML 2Page - RF Monolithics, Inc TX6000 Datasheet HTML 3Page - RF Monolithics, Inc TX6000 Datasheet HTML 4Page - RF Monolithics, Inc TX6000 Datasheet HTML 5Page - RF Monolithics, Inc TX6000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Item
Symbol
OOK
ASK
ASK
Units
Notes
Nominal NRZ Data Rate
DRNOM
2.4
19.2
115.2
kbps
see page 1
Minimum Signal Pulse
SPMIN
416.67
52.08
8.68
µs
single bit
Maximum Signal Pulse
SPMAX
1666.68
208.32
34.72
µs
4 bits of same value
TXMOD Resistor
RTXM
4.7
4.7
4.7
K
±5%, for 1.5 dBm output
DC Bypass Capacitor
CDCB
4.7
4.7
4.7
µF
tantalum
RF Bypass Capacitor 1
CRFB1
27
27
27
pF
±5% NPO
RF Bypass Capacitor 2
CRFB2
100
100
100
pF
±5% NPO
RF Bypass Bead
LRFB
Fair-Rite
Fair-Rite
Fair-Rite
vendor
2506033017YO or equivalent
Series Tuning Inductor
LAT
10
10
10
nH
50 ohm antenna
Shunt Tuning/ESD Inductor
LESD
100
100
100
nH
50 ohm antenna
2
M odul at i on I nput
T O P VI EW
GN D
3
CNT
RL 0
CNT
RL 1
P
WI D T H
P
RA T E
TH L D
1
TH L D
2
RRE F
GN D 2
TX
MO D
RX
DA T A
LP F
AD J
CM P
IN
BB
OU T
PK
DE T
AG C
CA P
VC C
1
VC C
2
RF I O
GN D 1
+ 3
VD C
Tr a n s m i t t e r O O K C onf i gur a t i o n
1
20
23456789
10
11
12
13
14
15
16
17
18
19
+ 3
VD C
R TX M
C RF B 2
C DC B
L AT
L ESD
C RF B 1
L RF B
+
T/ S
M odul at i on I nput
T O P VI EW
GN D
3
CNT
RL 0
CNT
RL 1
P
WI D T H
P
RA T E
TH L D
1
TH L D
2
RRE F
GN D 2
TX
MO D
RX
DA T A
LP F
AD J
CM P
IN
BB
OU T
PK
DE T
AG C
CA P
VC C
1
VC C
2
RF I O
GN D 1
+ 3
VD C
Tr a n s m i t t e r A S K C onf i gur a t i o n
1
20
23456789
10
11
12
13
14
15
16
17
18
19
+ 3
VD C
R TX M
C RF B 2
C DC B
L AT
L ESD
C RF B 1
L RF B
+
T/ S
Transmitter Set-Up, 3.0 Vdc, -40 to +85 0C
Notes:
1. Do not allow the voltage applied to a control input pin to exceed Vcc + 200 mV.
2. The companion receiver to the TX6000 is the RX6000. Please see RFM’s web site at www.rfm.com for details.
CAUTION: Electrostatic Sensitive Device. Observe precautions when handling.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com