Electronic Components Datasheet Search
  English  ▼

X  

UT84520 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT84520 Datasheet HTML 1Page - Unisonic Technologies UT84520 Datasheet HTML 2Page - Unisonic Technologies UT84520 Datasheet HTML 3Page - Unisonic Technologies UT84520 Datasheet HTML 4Page - Unisonic Technologies UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R502-004,A
DC Electrical Characteristics (Ta = 25 ℃~70 ℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
Low input reference current
Ipl
70
uA
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
High input reference current
Iph
106
uA
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
Input current (input impedance) ( 80uA)
Vpl1
0.8
1.2
V
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
Input current (input impedance) ( 500uA)
Vpl2
1.5
2.1
V
L,M,R,OPT,
Input low voltage
Vail
1.5
V
L,M,R,OPT,
Input high voltage
Vaih
3.5
-
V
L,M,R
Input current (Vin = 5V)
Imi
18
56
uA
OPT
Input current
Ixi
-18
-56
uA
L,M,R,X1,X2,Y1,Y2,Z1,Z2
Input leakage current (Vin = 0V)
Iil
0
-1.0
uA
OPT
Input leakage current (Vin = 5V)
Iih
0
1.0
UA
OSC.OUT
Sink current
Iosc
3
3.6
MA
PS/2 mouse mode : (Ta = 25 ℃ to 70 ℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating voltage
Vdd
4.5
5
5.5
V
Operating current (no load)
Iop
1
mA
CLK, DATA
Positive-going threshold voltage
Vt+
3.2
3.8
V
CLK, DATA
Negative-going threshold voltage
Vt-
1.2
1.9
V
DATA, CLK
Input current (Vin = 0V)
Idc
0.56
1.86
mA
DATA, CLK
Low output voltage (Iprl = -2mA)
Vprl
0.4
V
*ll parameters in above table are compared with VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com