Electronic Components Datasheet Search
  English  ▼

X  

UT84520 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UT84520 Datasheet HTML 4Page - Unisonic Technologies UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies UT84520 Datasheet HTML 10Page - Unisonic Technologies UT84520 Datasheet HTML 11Page - Unisonic Technologies UT84520 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 8
QW-R502-004,A
Function Descriptions
Legacy PS/2 mouse operating
A) Operating mode
There are four operating modes in PS/2 mouse:
a. Reset mode:
In this mode a self-test in initiated during power-on or by a Reset command. After reset signal,
PS/2 mouse will
(a) Send completion code AA & ID code 00.
(b) Set default:
Sampling rate: 100 reports/s
Non-autospeed
Stream mode
2 dots/count
Disable
b. Stream Mode:
The maximum rate of transfer is the programmed sampling rate.
Data report is transmitted if
(a) switch is pressed
(b) movement has been detected
c. Remote Mode:
Data is transmitted only in response to a Read Data command
d. Wrap Mode:
Any byte of data sent by the system. Except hex EC (Reset Wrap mode) or hex FF (Reset).
Is returned by UT84520.
B).PS/2 Mouse Data Report
a). In stream mode: A data report is sent at the end of a sampling interval.
b). In remote mode: A data report is sent in response to Read Data command
c). Data report format:
Byte
Bit
Description
1
0
Left button status; l=pressed
1
Right button status; 1=pressed
2
Middle button status; 1=pressed
3
Reserve
4
X data sign; 1=negative
5
Y data sign; 1=negative
6
X data overflow; 1=overflow
7
Y data overflow; 1=overflow
2
0-7 X data (D0-D7)
3
0-7 Y data (D0-D7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com