Electronic Components Datasheet Search
  English  ▼

X  

UT84520 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT84520 Datasheet HTML 1Page - Unisonic Technologies UT84520 Datasheet HTML 2Page - Unisonic Technologies UT84520 Datasheet HTML 3Page - Unisonic Technologies UT84520 Datasheet HTML 4Page - Unisonic Technologies UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R502-004,A
PS/2 SCROLLING MOUSE CONTROLLER
DESCRIPTION
The UT84520 Scrolling Mouse Controller is specially
designed to control PS/2 mouse device.This single chip can
interface with three key-switches and 4X-Y photo-couples plus
Z-axis directly to 8042 controller.
There are four types of Z-axis inputs used to implement
scrolling mouse functionality.
FEATURES
*Using 50KΩ+5% resistor for RC oscillation.
*Compatible with legacy PS/2 mouse.
*Compatible with Microsoft PS/2 scrolling mouse.
*Built-in noise immunity circuit.
*The sampling rate of motion detector is up to 65KHz.
*Built-in three step dynamic input impedance.
*Three key-switches and four photo-couples inputs.
*Photo couple test mode included﹒
*Low power dissipation.
*Two types Z direction input:
1.Photo couples input
2.Mechanical input
DIP-16


Similar Part No. - UT84520

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
UT8 LSTD-UT8 Datasheet
548Kb / 2P
Reliable solid state operation
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
logo
SHENZHEN DOINGTER SEMIC...
UT8020A DOINGTER-UT8020A Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
Ultrasonic Cleaning
UT8060 ETC2-UT8060 Datasheet
744Kb / 1P
Ultrasonic Cleaning
More results

Similar Description - UT84520

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
USB & PS/2 Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com