Electronic Components Datasheet Search
  English  ▼

X  

UT84520 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT84520
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT84520 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT84520 Datasheet HTML 1Page - Unisonic Technologies UT84520 Datasheet HTML 2Page - Unisonic Technologies UT84520 Datasheet HTML 3Page - Unisonic Technologies UT84520 Datasheet HTML 4Page - Unisonic Technologies UT84520 Datasheet HTML 5Page - Unisonic Technologies UT84520 Datasheet HTML 6Page - Unisonic Technologies UT84520 Datasheet HTML 7Page - Unisonic Technologies UT84520 Datasheet HTML 8Page - Unisonic Technologies UT84520 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UTC UT84520
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R502-004,A
Pin Assignment
X2
CLK
OPT
Z2
Y1
OSCR
Y2
VDD
OSC.OUT
L
M
VSS
R
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DATA
Z1
X1
Pin Descriptions
Pin No
Symbol
I/O
Function
1
Vdd
P
Power line
2
OSC.OUT
O
The RC oscillation clock output. Or 3mA sink current output for X, Y photo emitters
3
Z1
I
4
Z2
I
Z-axis input.
Photo mode: three steps dynamic input impedance.
5
CLK
I/O
Connect to 8042 auxiliary port CLK line in PS/2 mode.
6
DATA
I/O
Connect to 8042 auxiliary port DATA line in PS/2 mode.
7
OPT
I
Input: 200Kohm pull low to Vss.
When Opt is connected to Vdd, UT84520 will enter test mode. In test mode, L will
be the output of X1, while M will be the output of X1. Toggling R key can change
these output to be Y1, Y2 or Z1, Z2 respectively.
8
Vss
P
Power line Gnd
9
R
I
10
M
I/O
11
L
I/O
Three key switches inputs. 200Kohm pull low.
In Z-axis key mode, M key toggling can change the scrolling speed from low to
high
12
X1
I
13
X2
I
14
Y1
I
15
Y2
I
Three step dynamic input impedance. If OSC.OUT is not connected to LEDs, the
dynamic input impedance will be off.
16
OSCR
I
Connect 50Kohm ± 5% for oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com