Electronic Components Datasheet Search
  English  ▼

X  

S89110 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S89110
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89110 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S89110 Datasheet HTML 1Page - Seiko Instruments Inc S89110 Datasheet HTML 2Page - Seiko Instruments Inc S89110 Datasheet HTML 3Page - Seiko Instruments Inc S89110 Datasheet HTML 4Page - Seiko Instruments Inc S89110 Datasheet HTML 5Page - Seiko Instruments Inc S89110 Datasheet HTML 6Page - Seiko Instruments Inc S89110 Datasheet HTML 7Page - Seiko Instruments Inc S89110 Datasheet HTML 8Page - Seiko Instruments Inc S89110 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110/89120 Series
Rev.3.1_01
4
1. 3 SNT-8A, TMSOP-8
S-891 x 0 B xx - xxx TF U
Number of circuits
B: 2
Current consumption (per circuit)
1: IDD = 50
μA
2: IDD = 10
μA
Package name (abbreviation)
PH: SNT-8A
FM: TMSOP-8
Product code (abbreviation)
*2
IC direction in tape specifications
*1
Environmental code
U: Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SC-88A
NP005-B-P-SD
NP005-B-C-SD
NP005-B-R-SD
-
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
-
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
-
3. Product name list
Table 2
Product Name
Current
Consumption
(per circuit)
Gain-bandwidth*1
Number of Circuit
Package
S-89110ANC-1A1-TFz
50
μA
175 kHz
1
SC-88A
S-89110AMC-1A1-TFU
50
μA
175 kHz
1
SOT-23-5
S-89110BPH-H4A-TFU
50
μA
175 kHz
2
SNT-8A
S-89110BFM-H4A-TFU
50
μA
175 kHz
2
TMSOP-8
S-89120ANC-1A2-TFz
10
μA
35 kHz
1
SC-88A
S-89120AMC-1A2-TFU
10
μA
35 kHz
1
SOT-23-5
S-89120BPH-H4B-TFU
10
μA
35 kHz
2
SNT-8A
S-89120BFM-H4B-TFU
10
μA
35 kHz
2
TMSOP-8
*1. The value when VDD = 3.0 V
Remark 1. z: G or S
2. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com