Electronic Components Datasheet Search
  English  ▼

X  

S89110 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S89110
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89110 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S89110 Datasheet HTML 2Page - Seiko Instruments Inc S89110 Datasheet HTML 3Page - Seiko Instruments Inc S89110 Datasheet HTML 4Page - Seiko Instruments Inc S89110 Datasheet HTML 5Page - Seiko Instruments Inc S89110 Datasheet HTML 6Page - Seiko Instruments Inc S89110 Datasheet HTML 7Page - Seiko Instruments Inc S89110 Datasheet HTML 8Page - Seiko Instruments Inc S89110 Datasheet HTML 9Page - Seiko Instruments Inc S89110 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110/89120 Series
Rev.3.1_01
6
Absolute Maximum Ratings
Table 7
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 10.0
V
Input voltage
VIN
VSS
− 0.3 to VSS + 7.0 (7.0 max.)
V
Output voltage
VOUT
VSS
− 0.3 to VDD + 0.3 (7.0 max.)
V
Differential input voltage
VIND
±7.0
V
Output pin current
ISINK
13
mA
ISOURCE
9
mA
Power dissipation
SC-88A
PD
350*1
mW
SOT-23-5
600*1
mW
SNT-8A
450*1
mW
TMSOP-8
650*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
Ambient Temperature (Ta) [
°C]
700
600
500
400
300
200
100
0
TMSOP-8
SOT-23-5
SC-88A
SNT-8A
Figure 7 Power Dissipation of Package (When Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com