Electronic Components Datasheet Search
  English  ▼

X  

S89110 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S89110
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89110 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S89110 Datasheet HTML 1Page - Seiko Instruments Inc S89110 Datasheet HTML 2Page - Seiko Instruments Inc S89110 Datasheet HTML 3Page - Seiko Instruments Inc S89110 Datasheet HTML 4Page - Seiko Instruments Inc S89110 Datasheet HTML 5Page - Seiko Instruments Inc S89110 Datasheet HTML 6Page - Seiko Instruments Inc S89110 Datasheet HTML 7Page - Seiko Instruments Inc S89110 Datasheet HTML 8Page - Seiko Instruments Inc S89110 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
S-89110/89120 Series
www.sii-ic.com
MINI ANALOG SERIES
CMOS OPERATIONAL AMPLIFIER
© SII Semiconductor Corporation, 2009-2015
Rev.3.1_01
1
The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package.
The S-89110/89120 Series is a CMOS type operational amplifier that has a phase compensation circuit, and operates at a
low voltage with low current consumption. These features make this product the ideal solution for small battery-powered
portable equipment.
The S-89110A/89120A Series is a single operational amplifier (one circuit).
The S-89110B/89120B Series is a dual operational amplifier (two circuits).
Features
• Lower operating voltage than the conventional general-purpose:
VDD = 1.8 V to 5.5 V
• Low current consumption (per circuit):
IDD = 50
μA (S-89110 Series)
IDD = 10
μA (S-89120 Series)
• Low input offset voltage:
4.0 mV max.
• No external capacitors required for internal phase compensation
• Output full swing
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to " Product Name Structure" for details.
Applications
• Mobile phone
• Notebook PC
• Digital camera
• Digital video camera
Packages
• SC-88A
• SOT-23-5
• SNT-8A
• TMSOP-8


Similar Part No. - S89110

ManufacturerPart #DatasheetDescription
logo
EPCOS
S891 EPCOS-S891 Datasheet
533Kb / 26P
NTC thermistors for temperature measurement
logo
Seiko Instruments Inc
S89130 SII-S89130 Datasheet
1Mb / 26P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S89110

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89210A SII-S-89210A Datasheet
411Kb / 18P
MINI ANALOG SERIES CMOS COMPARATOR
S-89430A SII-S-89430A Datasheet
472Kb / 23P
MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
CMOS Operational Amplifier
logo
Seiko Instruments Inc
S89130 SII-S89130 Datasheet
1Mb / 26P
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
MINI ANALOG SERIES CMOS COMPARATOR
S89430 SII-S89430 Datasheet
1Mb / 33P
MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com