Electronic Components Datasheet Search
  English  ▼

X  

S89110 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S89110
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89110 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S89110 Datasheet HTML 13Page - Seiko Instruments Inc S89110 Datasheet HTML 14Page - Seiko Instruments Inc S89110 Datasheet HTML 15Page - Seiko Instruments Inc S89110 Datasheet HTML 16Page - Seiko Instruments Inc S89110 Datasheet HTML 17Page - Seiko Instruments Inc S89110 Datasheet HTML 18Page - Seiko Instruments Inc S89110 Datasheet HTML 19Page - Seiko Instruments Inc S89110 Datasheet HTML 20Page - Seiko Instruments Inc S89110 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Rev.3.1_01
S-89110/89120 Series
17
3. 3 Output voltage (VOUT) vs. ISOURCE
3. 3. 1 S-89110 Series
VOUT
− ISOURCE, VDD = 1.8 V, VSS = 0 V
2.0
1.5
1.0
0.5
0.0
ISOURCE [
μA]
0
50
100 150 200 250
350
300
85
°C
Ta =
−40°C
25
°C
VOUT
− ISOURCE, VDD = 3.0 V, VSS = 0 V
3.0
2.5
1.5
0.5
0.0
ISOURCE [
μA]
0
50
100 150 200 250
350
300
1.0
2.0
25
°C
85
°C
Ta =
−40°C
VOUT
− ISOURCE, VDD = 5.0 V, VSS = 0 V
5.0
3.0
1.0
0.0
ISOURCE [
μA]
0
50
100 150 200 250
350
300
2.0
4.0
85
°C
25
°C
Ta =
−40°C
3. 3. 2 S-89120 Series
VOUT
− ISOURCE, VDD = 1.8 V, VSS = 0 V
2.0
1.5
1.0
0.5
0.0
ISOURCE [
μA]
0
10
20
30
40
50
70
60
25
°C
85
°C
Ta =
−40°C
VOUT
− ISOURCE, VDD = 3.0 V, VSS = 0 V
3.0
2.5
1.5
0.5
0.0
ISOURCE [
μA]
0
10
20
30
40
50
70
60
1.0
2.0
85
°C
25
°C
Ta =
−40°C
VOUT
− ISOURCE, VDD = 5.0 V, VSS = 0 V
5.0
3.0
1.0
0.0
ISOURCE [
μA]
0
10
20
30
40
50
70
60
2.0
4.0
25
°C
85
°C
Ta =
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com