Electronic Components Datasheet Search
  English  ▼

X  

S89430 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S89430 Datasheet HTML 14Page - Seiko Instruments Inc S89430 Datasheet HTML 15Page - Seiko Instruments Inc S89430 Datasheet HTML 16Page - Seiko Instruments Inc S89430 Datasheet HTML 17Page - Seiko Instruments Inc S89430 Datasheet HTML 18Page - Seiko Instruments Inc S89430 Datasheet HTML 19Page - Seiko Instruments Inc S89430 Datasheet HTML 20Page - Seiko Instruments Inc S89430 Datasheet HTML 21Page - Seiko Instruments Inc S89430 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
18
3. 3 Output voltage (VOUT) vs. ISOURCE
VOUT
−ISOURCE, VDD = 3.0 V, VSS = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
ISOURCE [
μA]
25°C
85°C
Ta =
−40°C
VOUT
−ISOURCE, VDD = 1.8 V, VSS = 0 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
500
1000
1500
2000
ISOURCE [
μA]
25°C
85°C
Ta =
−40°C
VOUT
−ISOURCE, VDD = 0.9 V, VSS = 0 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
50
100
150
200
ISOURCE [
μA]
25°C
85°C
Ta =
−40°C
3. 4 Output voltage (VOUT) vs. ISINK
VOUT
−ISINK, VDD = 3.0 V, VSS = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
ISINK [
μA]
25°C
85°C
Ta =
−40°C
VOUT
−ISINK, VDD = 1.8 V, VSS = 0 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
500
1000
1500
2000
ISINK [
μA]
25°C
85°C
Ta =
−40°C
VOUT
−ISINK, VDD = 0.9 V, VSS = 0 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
50
100
150
200
ISINK [
μA]
25°C
85°C
Ta =
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com