Electronic Components Datasheet Search
  English  ▼

X  

S89430 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S89430 Datasheet HTML 25Page - Seiko Instruments Inc S89430 Datasheet HTML 26Page - Seiko Instruments Inc S89430 Datasheet HTML 27Page - Seiko Instruments Inc S89430 Datasheet HTML 28Page - Seiko Instruments Inc S89430 Datasheet HTML 29Page - Seiko Instruments Inc S89430 Datasheet HTML 30Page - Seiko Instruments Inc S89430 Datasheet HTML 31Page - Seiko Instruments Inc S89430 Datasheet HTML 32Page - Seiko Instruments Inc S89430 Datasheet HTML 33Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
SII Semiconductor Corporation
No.
TITLE
SCALE
UNIT
mm
SNT-8A-A
-Land Recommendation
PH008-A-L-SD-4.1
0.3
0.2
0.52
2.01
0.52
No. PH008-A-L-SD-4.1
Caution 1. Do not do silkscreen printing and solder printing under the mold resin of the package.
2. The thickness of the solder resist on the wire pattern under the package should be 0.03 mm
or less from the land pattern surface.
3. Match the mask aperture size and aperture position with the land pattern.
4. Refer to "SNT Package User's Guide" for details.
1.
(0.25 mm min. / 0.30 mm typ.)
2.
(1.96 mm ~ 2.06 mm)
1.
2.
0.03 mm
3.
4.
SNT
1. Pay attention to the land pattern width (0.25 mm min. / 0.30 mm typ.).
2. Do not widen the land pattern to the center of the package (1.96 mm to 2.06mm).
1
2
1.
2.
(1.96 mm ~ 2.06 mm)
(0.25 mm min. / 0.30 mm typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com