Electronic Components Datasheet Search
  English  ▼

X  

S89430 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S89430 Datasheet HTML 6Page - Seiko Instruments Inc S89430 Datasheet HTML 7Page - Seiko Instruments Inc S89430 Datasheet HTML 8Page - Seiko Instruments Inc S89430 Datasheet HTML 9Page - Seiko Instruments Inc S89430 Datasheet HTML 10Page - Seiko Instruments Inc S89430 Datasheet HTML 11Page - Seiko Instruments Inc S89430 Datasheet HTML 12Page - Seiko Instruments Inc S89430 Datasheet HTML 13Page - Seiko Instruments Inc S89430 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
10
3. VDD = 0.9 V
Table 12
DC Electrical Characteristics (VDD = 0.9 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
(per circuit)*1
IDD
VCMR = VOUT = 0.45 V
−
0.50
0.75
μA
6
Input offset voltage
VIO
VCMR = 0.45 V
S-89430 Series
−10
±5
+10
mV
2
S-89431 Series
−5
±3
+5
mV
2
Input offset current
IIO
−
−
1
−
pA
−
Input bias current
IBIAS
−
−
1
−
pA
−
Common-mode input voltage
range
VCMR
−
0
−
0.9
V
3
Voltage gain (open loop)
AVOL
VSS
+ 0.1 V ≤ VOUT ≤ VDD − 0.1 V,
VCMR = 0.45 V, RL = 1.0 M
Ω
60
75
−
dB
9
Maximum output
swing voltage
VOH
RL = 100 k
Ω
0.85
−
−
V
4
VOL
RL = 100 k
Ω
−
−
0.05
V
5
Common-mode input signal
rejection ratio
CMRR
VSS
≤ VCMR ≤ VDD
25
55
−
dB
3
VSS
≤ VCMR ≤ VDD − 0.35 V
40
60
−
dB
3
Power supply voltage
rejection ratio
PSRR
VDD = 0.9 V to 5.5 V
70
80
−
dB
1
Source current
ISOURCE
VOUT = VDD
− 0.1 V
25
65
−
μA
7
VOUT = 0 V
40
140
−
μA
7
Sink current
ISINK
VOUT = 0.1 V
10
65
−
μA
8
VOUT = VDD
12
120
−
μA
8
*1.
When the output is saturated on the VDD side, a current consumption of up to 3
μA to 5 μA may flow.
Refer to “4. Current consumption (per circuit) vs. Common-mode input voltage range characteristics (voltage
follower configuration)” in “ Characteristics (Typical Data)”.
Table 13
AC Electrical Characteristics (VDD = 0.9 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Slew rate
SR
RL = 1.0 M
Ω, CL = 15 pF (Refer to Figure 17)
−
4
−
V/ms
Gain-bandwidth product
GBP
CL = 0 pF
−
5
−
kHz
Maximum load capacitance
CL
−
−
47
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com