Electronic Components Datasheet Search
  English  ▼

X  

WM8734 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # WM8734
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button WM8734 Datasheet HTML 34Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 35Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 36Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 37Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 38Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 39Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 40Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 41Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
38
RECOMMENDED EXTERNAL COMPONENTS
WM8734
Codec
VMID
AVDD
AGND
10
11
3.3V
0.4
µF
0.1
µF
10
µF
+
12
RLINEIN
5K
Ω
5K
Ω
47pF
+
470nF
13
LLINEIN
5K
Ω
5K
Ω
47pF
+
470nF
14
DBVDD
DCVDD
3.3V
DGND
3.3V
2
1
20
3-wire or 2-wire
MPU Interface
3-wire Interface
2-wire Interface
SDIN
17
CSB
16
SCLK
18
MODE
15
10
µF0.1µF
10k
Ω
3.3V
MCLK
19
10
µF
DACLRC
DACDAT
ADCLRC
ADCDAT
BCLK
3
Audio Serial Data I/F
5
4
7
6
LOUT
+
470nF
47k
Ω
100
Ω
8
ROUT
+
470nF
47k
Ω
100
Ω
9
Figure 38 External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com