Electronic Components Datasheet Search
  English  ▼

X  

WM8734 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # WM8734
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button WM8734 Datasheet HTML 16Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 17Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 18Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 19Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 20Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 21Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 22Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 23Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
20
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 18 Right Justified Mode
DSP mode is where the left channel MSB is available on either the 1
st or 2nd rising edge of BCLK
(selectable by LRP) following a LRC transition high.
Right channel data immediately follows left
channel data.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
1 BCLK
Input Word Length (IWL)
Note: Input word length is defined by the IWL register, LRP = 1
1/fs
Figure 19 DSP Mode
In all modes DACLRC and ADCLRC must always change on the falling edge of BCLK, refer to Figure
16, Figure 17, Figure 18 and Figure 19. Operating the digital audio interface in DSP mode allows
ease of use for supporting the various sample rates and word lengths. The only requirement is that
all data is transferred within the correct number of BCLK cycles to suit the chosen word length.
In order for the digital audio interface to offer similar support in the three other modes (Left Justified,
I
2S and Right Justified), the DACLRC, ADCLRC and BCLK frequencies, continuity and mark-space
ratios need more careful consideration.
In Slave mode, DACLRC and ADCLRC inputs are not required to have a 50:50 mark-space ratio.
BCLK input need not be continuous. It is however required that there are sufficient BCLK cycles for
each DACLRC/ADCLRC transition to clock the chosen data word length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com