Electronic Components Datasheet Search
  English  ▼

X  

WM8803 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 45Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
43
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
USE
NOTES
R0
50 to 1kΩ
—
R1
75Ω
Coaxial terminator
R2
50k to 100kΩ
Input amplifier feedback
R3
1MΩ
Oscillator amplifier feedback
R4
150 to 330Ω
Oscillator amplifier current limited
R5
*
PLL loop filter
Tolerance: ±5%
C0
0.01µ to 0.1µF
AC coupling
C1
1p to 33pF
Oscillator element load
NP0 special ceramic
capacitor
C2
*
PLL loop filter
Film capacitor
C3
*
PLL loop filter
Ceramic capacitor
C4
Over 1µF
Power supply de-coupling
Electrolytic capacitor
C5
0.1µF
Power supply de-coupling
Ceramic capacitor
Table 26 Recommended Component Values
Note:
* Refer Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com