Electronic Components Datasheet Search
  English  ▼

X  

WM8803 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
16
PLL
(256fs)
(384fs)
(512fs)
512/2fs)
Divider
1/2
Divider
1/2
1/3
1/4
1/6
1/8
Divider
1/256
1/384
1/512
[PLLOPR]
[PLLCK0]
[PLLCK1]
[AMPOPR]
[AMPCNT]
[XISEL0]
[XISEL1]
[XISEL2]
[XINSET]
Lock/Unlock
[OCKSEL]
[MCKHFO]
CLKOUT
BCLK
LRCLK
RXIN
XIN
XOUT
Figure 7 Master Clock System Diagram
NOTES ON CLOCK SOURCE SWITCHING
In states where the input fs calculation result is restricted by FLIMIT, if the WM8803 is switched by
OCKSEL from the PLL locked state (oscillator amplifier stopped) to the XIN source clock state, clock
continuity is maintained. However, ERROR will temporarily output a high level indicating an error.
This is because the oscillator amplifier will switch to the operating state at the same time as the
WM8803 switches to XIN source operation, and the input fs calculation will be restarted. The fs
calculated value prior to this time will be reset and when that is compared to the newly calculated fs
value, the transition will be handled as a change in fs.
With these settings, the oscillator amplifier must be set to continuous operation mode by AMPCNT
so that the clock source can be switched by OCKSEL while maintaining the ERROR state.
Note that when switching from the oscillator amplifier stopped state to XIN (the clock source while the
PLL circuit is locked), clocks which use XIN as the source will be output only after the oscillator
amplifier has started operating. Inversely, switching from XIN to the PLL circuit in the locked state
allows clocks to be output immediately. In both cases, clock continuity is maintained.
When neither an oscillator element nor an external clock is used, but the CLKOUT clock is supplied
to XIN. The VCO free-running frequency is output from CLKOUT; when the PLL is unlocked this
frequency will be in the range 10 to 16MHz. Clock signals created by dividing CLKOUT are output
from BCLK and LRCLK. However, these BCLK and LRCLK clocks will differ with the WM8803
sample rate set and will vary with the supply voltage and operating environment. Care is required
when using the CLKOUT, BCLK, and LRCLK clocks when the PLL circuit is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com