Electronic Components Datasheet Search
  English  ▼

X  

WM8803 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
6
ELECTRICAL CHARACTERISTICS
INPUT AND OUTPUT PIN CAPACITANCE
Test Conditions
AVDD = DVDD = VIN1 = VIN2 = 0 V, Ta = 25°C, f = 1MHz
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input and Output Pin Capacitance
Input pins
CIN
1
—
—
10
pF
Output pins
COUT
1
—
—
10
pF
Notes:
1. AVDD = DVDD = VIN1 = VIN2 = 0 V, Ta = 25°C, f = 1MHz
DC CHARACTERISTICS
Test Conditions
Ta = 25°C, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Characteristics
High-level input voltage
VIH
1
0.7DVDD
—
—
V
Low-level input voltage
VIL
1
—
—
0.2DVDD
V
High-level input voltage
VIH
2
2.0
—
5.8
V
Low-level input voltage
VIL
2
–0.3
—
0.8
V
High-level output voltage
VOH
3
DVDD – 0.8
—
—
V
Low-level output voltage
VOL
3
—
—
0.4
V
High-level output voltage
VOH
4
DVDD – 0.8
—
—
V
Low-level output voltage
VOL
4
—
—
0.4
V
High-level output voltage
VOH
5
DVDD – 0.8
—
—
V
Low-level output voltage
VOL
5
—
—
0.4
V
Current drain
IDD1
6
—
6.5
13
mA
Current drain
IDD2
7
—
—
0.1
µA
Current drain
IDD3
8
—
4.5
9
mA
Current drain
IDD4
9
—
5
10
mA
Notes:
1. CMOS level pins: XIN pin
2. TTL level pins: Input pins other than those listed above.
3. IOH = –8mA, IOL = 6mA: CLKOUT pin
4. IOH = –2mA, IOL = 2mA: BCLK, LRCLK, SDATO, and DO pins
5. IOH = –1mA, IOL = 1mA: Output pins other than those listed above.
6. Operating mode: PLLSEL = “0”, AMPOPR = “0”, fS = 44.1kHz, CL = 30pF
7. Low power mode condition 1) :
_____
PD
= low
8. Low power mode condition 2) PDOWN [1:0] = “01”, XIN = 11.2896MHz, CL = 30pF
9. Low power mode condition 3) : PDOWN [1:0] = “10”, XIN = 11.2896MHz, CL = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com