Electronic Components Datasheet Search
  English  ▼

X  

WM8803 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
10
The low power modes are listed in Table 1.
MODE
PDB
AMPOPR
PLLOPR
PDOWN1
PDOWN0
FUNCTION
(1)
L
×
×
×
×
Reset (stand-by)
(2)
0
0
0
0
Normal operation
(3)
0
1
0
0
VCO stopped.
(4)
0
×
0
1
All circuits except the oscillator
amplifier stopped.
(5)
0
×
1
0
All circuits except the oscillator
amplifier and divider circuit stopped.
(6)
1
0
0
0
Oscillator amplifier stopped.
(7)
H
1
1
×
×
All circuits stopped.
Table 1 Low Power Modes
The table below lists the output pin states in the above modes.
OUTPUT PIN
MODE (1)
MODE (2)
MODE (3)
MODE (4)
MODE (5)
MODE (6)
MODE (7)
AUDIOB
L
Output
L
L
L
Output
L
UGPIB
H
Output
Output
Output
Output
Output
Output
CLKOUT
L
Output
Output
Output
Output
Output
L
BCLK
L
Output
Output
L
Output
Output
L or H
LRCLK
L
Output
Output
L
Output
Output
L or H
SDATO
L
Output
Output
L
Output
Output
L
XOUT
H
Output
Output
Output
Output
H
H
ERROR
H
Output
H
H
H
Output
H
E/INT
L
Output
L
L
L
Output
L
Table 2 Output Pin States in Modes (1) to (7)
Notes:
1.
In modes (3), (4), and (5), the clock supplied to XIN is used as the source.
2.
Mode (3) applies in the state where an external clock other than CLKOUT is supplied to XIN. If XIN and CLKOUT are
connected, no clock signals are output in this mode.
3.
Mode (6) applies when the PLL circuit is locked. When the PLL circuit is unlocked, all circuits will go to the stopped state
since no clock signal is supplied to XIN.
4.
In mode (7), the states immediately prior to entering mode (7) will be retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com