Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 3 Page - Xicor Inc.

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5643P Datasheet(HTML) 3 Page - Xicor Inc.

  X5643P Datasheet HTML 1Page - Xicor Inc. X5643P Datasheet HTML 2Page - Xicor Inc. X5643P Datasheet HTML 3Page - Xicor Inc. X5643P Datasheet HTML 4Page - Xicor Inc. X5643P Datasheet HTML 5Page - Xicor Inc. X5643P Datasheet HTML 6Page - Xicor Inc. X5643P Datasheet HTML 7Page - Xicor Inc. X5643P Datasheet HTML 8Page - Xicor Inc. X5643P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
3 of 19
REV 1.1.1 3/5/01
www.xicor.com
PRINCIPLES OF OPERATION
Power On Reset
Application of power to the X5643/X5645 activates a
power on reset circuit. This circuit goes active at about
1V and pulls the RESET/RESET pin active. This signal
prevents the system microprocessor from starting to
operate with insufficient voltage or prior to stabilization
of the oscillator. When VCC exceeds the device VTRIP
value for 200ms (nominal) the circuit releases RESET/
RESET, allowing the processor to begin executing code.
Low Voltage Monitoring
During operation, the X5643/X5645 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP. The RESET/RESET
signal prevents the microprocessor from operating in a
power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V.
It also remains active until VCC returns and exceeds
VTRIP for 200ms.
Watchdog Timer
The watchdog timer circuit monitors the microprocessor
activity by monitoring the WDI input. The microproces-
sor must toggle the CS/WDI pin periodically to prevent a
RESET/RESET signal. The CS/WDI pin must be toggled
from HIGH to LOW prior to the expiration of the watchdog
time out period. The state of two nonvolatile control bits
in the status register determine the watchdog timer
period. The microprocessor can change these watchdog
bits, or they may be “locked” by tying the WP pin LOW
and setting the WPEN bit HIGH.
VCC Threshold Reset Procedure
The X5643/X5645 has a standard VCC threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or
for higher precision in the VTRIP value, the X5643/
X5645 threshold may be adjusted.
Setting the VTRIP Voltage
This procedure sets the VTRIP to a higher voltage
value. For example, if the current VTRIP is 4.4V and the
new VTRIP is 4.6V, this procedure directly makes the
change. If the new setting is lower than the current set-
ting, then it is necessary to reset the trip point before
setting the new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold to the Vcc pin and tie the CS/WDI pin and the
WP pin HIGH. RESET/RESET and SO pins are left
unconnected. Then apply the programming voltage VP
to both SCK and SI and pulse CS/WDI LOW then
HIGH. Remove VP and the sequence is complete.
Figure 1. Set VTRIP Voltage
Resetting the VTRIP Voltage
This procedure sets the VTRIP to a “native” voltage
level. For example, if the current VTRIP is 4.4V and the
VTRIP is reset, the new VTRIP is something less than
1.7V. This procedure must be used to set the voltage to
a lower value.
To reset the VTRIP voltage, apply a voltage between 2.7
and 5.5V to the VCC pin. Tie the CS/WDI pin, the WP
pin, and the SCK pin HIGH. RESET/RESET and SO
pins are left unconnected. Then apply the programming
voltage VP to the SI pin ONLY and pulse CS/WDI LOW
then HIGH. Remove VP and the sequence is complete.
Figure 2. Reset VTRIP Voltage
SCK
SI
VP
VP
CS
SCK
SI
VCC
VP
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com