Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 6 Page - Xicor Inc.

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5643P Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X5643P Datasheet HTML 2Page - Xicor Inc. X5643P Datasheet HTML 3Page - Xicor Inc. X5643P Datasheet HTML 4Page - Xicor Inc. X5643P Datasheet HTML 5Page - Xicor Inc. X5643P Datasheet HTML 6Page - Xicor Inc. X5643P Datasheet HTML 7Page - Xicor Inc. X5643P Datasheet HTML 8Page - Xicor Inc. X5643P Datasheet HTML 9Page - Xicor Inc. X5643P Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
6 of 19
REV 1.1.1 3/5/01
www.xicor.com
Table 2. Block Protect Matrix
WREN CMD
Status Register
Device Pin
Block
Block
Status Register
WEL
WPEN
WP#
Protected Block
Unprotected Block
WPEN, BL0, BL1
WD0, WD1
0
X
X
Protected
Protected
Protected
1
1
0
Protected
Writable
Protected
1
0
X
Protected
Writable
Writable
1
X
1
Protected
Writable
Writable
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch. When WEL = 1, the latch is
set HIGH and when WEL = 0 the latch is reset LOW.
The WEL bit is a volatile, read only bit. It can be set by
the WREN instruction and can be reset by the WRDS
instruction.
The block lock bits, BL0 and BL1, set the level of block
lock protection. These nonvolatile bits are programmed
using the WRSR instruction and allow the user to pro-
tect one quarter, one half, all or none of the EEPROM
array. Any portion of the array that is block lock pro-
tected can be read but not written. It will remain pro-
tected until the BL bits are altered to disable block lock
protection of that portion of memory.
The watchdog timer bits, WD0 and WD1, select the
watchdog time out period. These nonvolatile bits are
programmed with the WRSR instruction.
The FLAG bit shows the status of a volatile latch that
can be set and reset by the system using the SFLB
and RFLB instructions. The flag bit is automatically
reset upon power up. This flag can be used by the sys-
tem to determine whether a reset occurs as a result of
a watchdog time out or power failure.
The nonvolatile WPEN bit is programmed using the
WRSR instruction. This bit works in conjunction with the
WP pin to provide an in-circuit programmable ROM func-
tion (Table 2). WP is LOW and WPEN bit programmed
HIGH disables all status register write operations.
In Circuit Programmable ROM Mode
This mechanism protects the block lock and watchdog
bits from inadvertent corruption.
In the locked state (
programmable ROM mode) the WP
pin is LOW and the nonvolatile bit WPEN is “1”. This
mode disables nonvolatile writes to the device’s status
register.
Status
Register Bits
Array Addresses Protected
BL1
BL0
X5643/X5645
0
0
None
0
1
$1800–$1FFF
1
0
$1000–$1FFF
1
1
$0000–$1FFF
Status Register Bits
Watchdog Time Out
(Typical)
WD1
WD0
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com